Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 328 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 328 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 322Page - Zilog, Inc. Z80 Datasheet HTML 323Page - Zilog, Inc. Z80 Datasheet HTML 324Page - Zilog, Inc. Z80 Datasheet HTML 325Page - Zilog, Inc. Z80 Datasheet HTML 326Page - Zilog, Inc. Z80 Datasheet HTML 327Page - Zilog, Inc. Z80 Datasheet HTML 328Page - Zilog, Inc. Z80 Datasheet HTML 329Page - Zilog, Inc. Z80 Datasheet HTML 330Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 328 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
308
The Tipple time of the interrupt daisy-chain, both the High-to-Low and
the Low-to-High transitions, limits the number of devices that can be
placed in the daisy-chain. Ripple time can be improved with carry-
lookahead, or by extending the interrupt acknowledge cycle.
Figure 131. Return from Interrupt Cycle Timing
Daisy Chain Interrupt Nesting
Figure 132 illustrates the daisy-chain configuration of interrupt circuits and
their interaction with nested interrupts, which is an interrupt that is inter-
rupted by another with a higher priority.
Each box in the illustration can be a separate external Z80 peripheral circuit
with a user-defined order of interrupt priorities. However, a similar daisy-
chain structure also exists inside the Z80 SIO, which has six interrupt levels
with a fixed order of priorities.
The situation illustrated in Figure 132 occurs when the transmitter of
Channel B interrupts and is granted service. While this interrupt is being
serviced, it is interrupted by a higher priority interrupt from Channel A. The
second interrupt is serviced and, upon completion, a RETI instruction is
T1
Φ
RD
M1
T2
T3
T4
IEI
IEO
D7–D0
ED
4D
T1
T2
T3
T4
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com