Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 30Page - National Semiconductor (TI) DP83256 Datasheet HTML 31Page - National Semiconductor (TI) DP83256 Datasheet HTML 32Page - National Semiconductor (TI) DP83256 Datasheet HTML 33Page - National Semiconductor (TI) DP83256 Datasheet HTML 34Page - National Semiconductor (TI) DP83256 Datasheet HTML 35Page - National Semiconductor (TI) DP83256 Datasheet HTML 36Page - National Semiconductor (TI) DP83256 Datasheet HTML 37Page - National Semiconductor (TI) DP83256 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 144 page
background image
40 Modes of Operation (Continued)
44 DEVICE RESET
The revision B PLAYERa device has five different levels of
device ResetPower Up Reset Hardware Reset Player
Reset Reference Select Reset and Stop Mode The Re-
sets can be used to return the whole device or a portion of
the device to its default configuration
Power Up Reset begins automatically when power is first
applied to the PLAYERa device and reaches a certain volt-
age level Power Up Reset affects all of the modules in the
PLAYERa device specifically the Clock Generation Mod-
ule (CGM) Clock Recovery Module (CRM) and the Player
Module returning each module to its default configuration
This reset begins by waiting for the crystal to stabilize then
the CGM PLL proceeds to lock to the crystal and the rest of
the PLAYERa device is reset This reset takes the longest
amount of time at approximately 10 ms from the time the
PLAYERa device’s power supply reaches 44V
Even
though the Power Up Reset is usually effective due to the
variation in the start-up conditions of a systems power sup-
ply the Power Up Reset trigger can not be guaranteed to
operate correctly Therefore a Hardware Reset should al-
ways be performed on the PLAYERa after waiting a mini-
mum of 10 ms for the Power Up Reset to complete its reset
attempt
Hardware Reset occurs at the rising edge of PLAYERa
device’s ERST pin Hardware Reset affects all of the mod-
ules in the PLAYERa device specifically the CGM CRM
and the Player Module returning each module to its default
configuration During Hardware Reset it is not necessary to
force the Clock Generation Module to wait for the crystal to
settle again at this time because it has settled in the time
since the initial reset at power up This reset takes the sec-
ond longest amount of time at approximately 1 ms from the
rising edge of ERST
Player Reset is activated by writinga1tothe PHYRST bit in
Mode Register 2 Player Reset only affects the Player Mod-
ule This reset is the shortest and only takes about 3 ms
from the completion of the register write The device should
not be accessed by the Control Bus during this reset
Reference Select Reset occurs when the PLAYERa de-
vice’s REF
SEL pin is switched from using the REF
IN
input to using a crystal with the XTAL
IN and XTAL
OUT
pins This is the same as a Power Up Reset and is done
because the crystal is going from a dead stop to an active
state when REF
SEL is switched This reset like the Pow-
er Up Reset takes about 10 ms from the falling edge of
REF
SEL
Stop Mode is activated by writinga0tothe RUN bit in the
Mode Register Stop Mode is a selective reset that resets
the Clock Recovery Module and portions of the Player Mod-
ule
Changes from Revision A to Revision B
The previous descriptions describe the reset logic in the
revision B PLAYERa device Two changes were made to
the original revision A PLAYERa device reset logic
First the Hardware Reset was shortened by eliminating the
requirement of having to wait for the crystal to settle before
letting the Clock Generation Module try to lock to the crys-
tal This behavior is correct because the PLAYERa device
has already waited for the crystal to settle once during the
Power Up Reset The revision A PLAYERa follows a Power
Up Reset cycle when Hardware Reset is activated
Second a full Power Up Reset is now done when the clock
reference is switched to the crystal This is necessary to
allow the crystal time to start up when it is switched to from
the REF
IN input This reset is not performed on the revi-
sion A PLAYERa
Recommendations
The following are some recommendations for using the re-
set mechanisms of the PLAYERa most effectively
1 Always wait a minimum of 10 ms after power-up before
doing anything to the PLAYERa device 10 ms is a mini-
mum
it may be desirable to wait longer if the system
power supply or clock reference has not stabilized by this
time
2 Always use the Hardware Reset to reset the PLAYERa
device after Power Up This should be done after the
initial Power Up waiting period of at least 10 ms
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com