Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 54Page - National Semiconductor (TI) DP83256 Datasheet HTML 55Page - National Semiconductor (TI) DP83256 Datasheet HTML 56Page - National Semiconductor (TI) DP83256 Datasheet HTML 57Page - National Semiconductor (TI) DP83256 Datasheet HTML 58Page - National Semiconductor (TI) DP83256 Datasheet HTML 59Page - National Semiconductor (TI) DP83256 Datasheet HTML 60Page - National Semiconductor (TI) DP83256 Datasheet HTML 61Page - National Semiconductor (TI) DP83256 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 144 page
background image
50 Registers (Continued)
514 NOISE THRESHOLD REGISTER (NTR)
The Noise Threshold Register contains the start value for the Noise Timer This threshold register is used in conjunction with the
Noise Prescale Threshold register for setting the maximum allowable time between entry to ILS HLS MLS ALS or NSD line
states The Noise timer is used to implement the TNE timing requirement of PCM The Noise timer decrements by one for every
80 x (NPTRa1) ns in case of Noise events As a result the internal noise counter takes the following amount of time to reach
zero
((NPTRa1) x NTR a NPTR) x 80 ns
The threshold values for the Noise Counter and Noise Prescale Counter are simultaneously loaded into both counters if one of
the following conditions is true
1 Both the Noise Counter and Noise Prescale Counter reach zero and the current Line State is either Noise Line State Active
Line State or Line State Unknown
or
2 The current Line State is either Halt Line State Idle Line State Master Line State Quiet Line State or No Signal Detect
or
3 The Noise Threshold Register or Noise Prescale Threshold Register goes through a Control Bus Interface write cycle
In addition the value of the Noise Prescale Threshold register is loaded into the Noise Prescale Counter if the Noise Prescale
Counter reaches zero
The Noise Counter and Noise Prescale Counter will continue to count without resetting or reloading the threshold values if a
Line State change occurs and the new line state is either Noise Line State Active Line State or Line State Unknown
When both the Noise Threshold Counter and Noise Counter both reach zero the Noise Threshold bit of the Receive Condition
Register A will be set
The recommended default value for the NTR register is 40h and for the NPTR register is F9h which corresponds to 13 ms as
specified in the ANSI standard
ACCESS RULES
ADDRESS
READ
WRITE
0Dh
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RES
NT6
NT5
NT4
NT3
NT2
NT1
NT0
Bit
Symbol
Description
D0-D6
NT0-NT6
NOISE THRESHOLD BITk0-6l
Start value for the Noise Counter
NT0 is the Least Significant Bit (LSB)
D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using this bit Write data is ignored since the reserved bit is permanently set to 0
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com