Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 58Page - National Semiconductor (TI) DP83256 Datasheet HTML 59Page - National Semiconductor (TI) DP83256 Datasheet HTML 60Page - National Semiconductor (TI) DP83256 Datasheet HTML 61Page - National Semiconductor (TI) DP83256 Datasheet HTML 62Page - National Semiconductor (TI) DP83256 Datasheet HTML 63Page - National Semiconductor (TI) DP83256 Datasheet HTML 64Page - National Semiconductor (TI) DP83256 Datasheet HTML 65Page - National Semiconductor (TI) DP83256 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
50 Registers (Continued)
518 STATE THRESHOLD REGISTER (STR)
The State Threshold Register contains the start value for the State Timer This timer is used in conjunction with the State
Prescale Timer to count the Line State duration The State Timer will decrement every 80 ns if the State Prescale Timer is zero
and the current Line State is Halt Line State Idle Line State Master Line State Quiet Line State or No Signal Detect The State
Timer takes
((SPTRa1) x STR a SPTR) x 80 ns
to reach zero during a continuous line state condition
The threshold values for the State Timer and State Prescale Timer are simultaneously loaded into both counters if one of the
following conditions is true
1 Both the State Timer and State Prescale Timer reach zero and the current Line State is Halt Line State Idle Line State
Master Line State Quiet Line State or No Signal Detect
or
2 A line state change occurs and the new Line State is Halt Line State Idle Line State Master Line State Quiet Line State or
No Signal Detect
or
3 The State Threshold Register or State Prescale Threshold Register goes through a Control Bus Interface write cycle
In addition the value of the State Prescale Threshold Register is loaded into the State Prescale Counter if the State Prescale
Timer reaches zero
The State Timer and State Prescale Timer will reset by reloading the threshold values if a Line State change occurs and the
new Line State is Halt Line State Idle Line State Master Line State Quiet Line State or No Signal Detect On detection of ALS
NLS or LSU the timer will not decrement
ACCESS RULES
ADDRESS
READ
WRITE
11h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RES
ST6
ST5
ST4
ST3
ST2
ST1
ST0
Bit
Symbol
Description
D0-D6
ST0-ST6
STATE THRESHOLD BITk0-6l
Start value for the State Timer
ST0 is the Least Significant Bit (LSB)
D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using this bit Write data is ignored since the reserved bit is permanently set to 0
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com