Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 33Page - National Semiconductor (TI) DP83256 Datasheet HTML 34Page - National Semiconductor (TI) DP83256 Datasheet HTML 35Page - National Semiconductor (TI) DP83256 Datasheet HTML 36Page - National Semiconductor (TI) DP83256 Datasheet HTML 37Page - National Semiconductor (TI) DP83256 Datasheet HTML 38Page - National Semiconductor (TI) DP83256 Datasheet HTML 39Page - National Semiconductor (TI) DP83256 Datasheet HTML 40Page - National Semiconductor (TI) DP83256 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
50 Registers
The PLAYERa device can be initialized configured and monitored using 64 8-bit registers These registers are accessible
through the Control Bus Interface
The following tables summarize each register’s attributes
Note
RESERVED Registers may be read at any time although the values read are not specified The results of RESERVED Register writes are not specified and
may have adverse implications The user should not write to RESERVED Register locations
TABLE 5-1 Register Summary
Register
Address
Register
Symbol
Register Name
Access Rules
Read
Write
00h
MR
Mode Register
Always
Always
01h
CR
Configuration Register
Always
Conditional
02h
ICR
Interrupt Condition Register
Always
Conditional
03h
ICMR
Interrupt Condition Mask Register
Always
Always
04h
CTSR
Current Transmit State Register
Always
Conditional
05h
IJTR
Injection Threshold Register
Always
Always
06h
ISRA
Injection Symbol Register A
Always
Always
07h
ISRB
Injection Symbol Register B
Always
Always
08h
CRSR
Current Receive State Register
Always
Write Reject
09h
RCRA
Receive Condition Register A
Always
Conditional
0Ah
RCRB
Receive Condition Register B
Always
Conditional
0Bh
RCMRA
Receive Condition Mask Register A
Always
Always
0Ch
RCMRB
Receive Condition Mask Register B
Always
Always
0Dh
NTR
Noise Threshold Register
Always
Always
0Eh
NPTR
Noise Prescale Threshold Register
Always
Always
0Fh
CNCR
Current Noise Count Register
Always
Write Reject
10h
CNPCR
Current Noise Prescale Count Register
Always
Write Reject
11h
STR
State Threshold Register
Always
Always
12h
SPTR
State Prescale Threshold Register
Always
Always
13h
CSCR
Current State Count Register
Always
Write Reject
14h
CSPCR
Current State Prescale Count Register
Always
Write Reject
15h
LETR
Link Error Threshold Register
Always
Always
16h
CLECR
Current Link Error Count Register
Always
Write Reject
17h
UDR
User Definable Register
Always
Always
18h
IDR
Device ID Register
Always
Write Reject
19h
CIJCR
Current Injection Count Register
Always
Write Reject
1Ah
ICCR
Interrupt Condition Comparison Register
Always
Always
1Bh
CTSCR
Current Transmit State Comparison Register
Always
Always
1Ch
RCCRA
Receive Condition Comparison Register A
Always
Always
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com