Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 51Page - National Semiconductor (TI) DP83256 Datasheet HTML 52Page - National Semiconductor (TI) DP83256 Datasheet HTML 53Page - National Semiconductor (TI) DP83256 Datasheet HTML 54Page - National Semiconductor (TI) DP83256 Datasheet HTML 55Page - National Semiconductor (TI) DP83256 Datasheet HTML 56Page - National Semiconductor (TI) DP83256 Datasheet HTML 57Page - National Semiconductor (TI) DP83256 Datasheet HTML 58Page - National Semiconductor (TI) DP83256 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 144 page
background image
50 Registers (Continued)
511 RECEIVE CONDITION REGISTER B (RCRB)
The Receive Condition Register B maintains a historical record of the Lines States recognized by the Receiver Block
When a new Line State is entered the bit corresponding to that line state is set to 1 The bits corresponding to the previous Line
States are not cleared thereby maintaining a record of the Line States detected
The Receive Condition B bit (RCB) of the Interrupt Condition Register (ICR) will be set to 1 when one or more bits within the
Receive Condition Register B is set to 1 and the corresponding mask bit(s) in Receive Condition Mask Register B (RCMRB) is
also set to 1
ACCESS RULES
ADDRESS
READ
WRITE
0Ah
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
RES
SILS
EBOU
CSE
LSUPV
ALS
ST
ILS
Bit
Symbol
Description
D0
ILS
IDLE LINE STATE
Received a minimum of two consecutive Idle symbol pairs (11111 11111)
D1
ST
STATE THRESHOLD
This bit will be set to 1 when the internal State Counter reaches zero It will remain set until
a value equal to or greater than one is loaded into the State Threshold Register or State Prescale Threshold
Register and this register is cleared
During the reset process (ie ERSTeGND) since the State Counter is initialized to 0 the State Threshold bit is
set to 1
D2
ALS
ACTIVE LINE STATE
Received a JK symbol pair (11000 10001) and possibly data symbols following
D3
LSUPV
LINE STATE UNKNOWN AND PHY VALID
The Receiver Block has not detected the minimum conditions to
enter a known line state
In addition the most recently known line state was either Active Line State or Idle Line State
D4
CSE
CONNECTION SERVICE EVENTCASCADE SYNCHRONIZATION ERROR
When one or more bits in the CMT Condition Register (CMTCR) are set and the corresponding bit(s) in the CMT
Condition Mask Register (CMTCMR) are set the Connection service event bit will be set to a 1
When a synchronization error occurs the Cascade Synchronization Error bit is set to 1 A synchronization error
occurs if the Cascade Start signal (CS) is not asserted within approximately 80 ns of Cascade Ready (CR) release
Note
Cascade mode and the CMT features can not be used at the same time
Note
Cascade mode is only supported on the DP83257 device
D5
EBOU
ELASTICITY BUFFER UNDERFLOW
OVERFLOW
The Elasticity Buffer has either overflowed or underflowed
The Elasticity Buffer will automatically recover if the condition which caused the error is only transient but the
event bit will remain set until cleared by software
D6
SILS
SUPER IDLE LINE STATE
Received a minimum of eight Idle symbol pairs (11111 11111)
D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using these bits The reserved bits are reset to 0 during the reset process They may be set or cleared without
any effects to the functionality of the PLAYERa device
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com