Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 96Page - National Semiconductor (TI) DP83256 Datasheet HTML 97Page - National Semiconductor (TI) DP83256 Datasheet HTML 98Page - National Semiconductor (TI) DP83256 Datasheet HTML 99Page - National Semiconductor (TI) DP83256 Datasheet HTML 100Page - National Semiconductor (TI) DP83256 Datasheet HTML 101Page - National Semiconductor (TI) DP83256 Datasheet HTML 102Page - National Semiconductor (TI) DP83256 Datasheet HTML 103Page - National Semiconductor (TI) DP83256 Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 144 page
background image
60 Signal Descriptions (Continued)
MISCELLANEOUS INTERFACE
The Miscellaneous Interface consist of a reset signal and user definable enable signals
Symbol
Pin
IO
Description
E
RST
71
I
Reset
An active low TTL input signal which clears all registers The signal must be kept asserted for a
minimum amount of time Once the ERST signal is asserted the PLAYERa device should be allowed
the specified amount of time to reset internal logic Note that bit zero of the Mode Register will be set to
zero (ie Stop Mode) See section 42 Stop Mode of Operation for more information
EP0
41
O
User Definable Enable Pin 0
A TTL output signal allowing control of external logic through the Control
Bus Interface EP0 is asserteddeasserted through Enable Bit 0 (EB0) of the User Definable Register
(UDR) When Enable Bit 0 is set to zero EP0 is deasserted When Enable Bit 0 is set to one EP0 is
asserted
EP1
43
O
User Definable Enable Pin 1
A TTL output signal allowing control of external logic through the Control
Bus Interface EP1 is asserteddeasserted through Enable Bit 1 (EB1) of the User Definable Register
(UDR) When Enable Bit 1 is set to zero EP1 is deasserted When Enable Bit 1 is set to one EP1 is
asserted
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com