Electronic Components Datasheet Search
  English  ▼

X  

DP83256 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 135Page - National Semiconductor (TI) DP83256 Datasheet HTML 136Page - National Semiconductor (TI) DP83256 Datasheet HTML 137Page - National Semiconductor (TI) DP83256 Datasheet HTML 138Page - National Semiconductor (TI) DP83256 Datasheet HTML 139Page - National Semiconductor (TI) DP83256 Datasheet HTML 140Page - National Semiconductor (TI) DP83256 Datasheet HTML 141Page - National Semiconductor (TI) DP83256 Datasheet HTML 142Page - National Semiconductor (TI) DP83256 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 144 page
background image
80 Connection Diagrams (Continued)
TABLE 8-3 DP83257 160-Pin PQFP Pinout Summary
(Continued)
Pin No
Signal Name
Symbol
IO
Pin Type
77
Receive Data Inb
RXD
INb
I
ECL
78
Receive Data Ina
RXD
INa
I
ECL
79
No Connect
NC
80
No Connect
NC
81
No Connect
NC
82
Receive Data Outb
RXD
OUTb
O
ECL
83
Receive Data Outa
RXD
OUTa
O
ECL
84
Reserved
0
RES
0
a
0V
85
Reserved
0
RES
0
a
0V
86
Reserved
0
RES
0
a
0V
87
No Connect
NC
88
ECL Ground
GND
ECL
a
0V
89
ECL Power
VCC ECL
a
5V
90
Reserved
0
RES
0
a
0V
91
Reserved
0
RES
0
a
0V
92
Reserved
0
RES
0
a
0V
93
Reserved
0
RES
0
a
0V
94
PHY Port B Indicate Datak0l
BID0
O
TTL
95
PHY Port B Request Datak0l
BRD0
I
TTL
96
PHY Port B Indicate Datak1l
BID1
O
TTL
97
PHY Port B Request Datak1l
BRD1
I
TTL
98
PHY Port B Indicate Datak2l
BID2
O
TTL
99
PHY Port B Request Datak2l
BRD2
I
TTL
100
PHY Port B Indicate Datak3l
BID3
O
TTL
101
PHY Port B Request Datak3l
BRD3
I
TTL
102
PHY Port B Indicate Datak4l
BID4
O
TTL
103
PHY Port B Request Datak4l
BRD4
I
TTL
104
IO Ground
GND
IO
a
0V
105
IO Power
VCC IO
a
5V
106
PHY Port B Indicate Datak5l
BID5
O
TTL
107
PHY Port B Request Datak5l
BRD5
I
TTL
108
PHY Port B Indicate Datak6l
BID6
O
TTL
109
PHY Port B Request Datak6l
BRD6
I
TTL
110
PHY Port B Indicate Datak7l
BID7
O
TTL
111
PHY Port B Request Datak7l
BRD7
I
TTL
112
PHY Port B Indicate Control
BIC
O
TTL
113
PHY Port B Request Control
BRC
I
TTL
114
PHY Port B Indicate Parity
BIP
O
TTL
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com