Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 4Page - ATMEL Corporation AT94K Datasheet HTML 5Page - ATMEL Corporation AT94K Datasheet HTML 6Page - ATMEL Corporation AT94K Datasheet HTML 7Page - ATMEL Corporation AT94K Datasheet HTML 8Page - ATMEL Corporation AT94K Datasheet HTML 9Page - ATMEL Corporation AT94K Datasheet HTML 10Page - ATMEL Corporation AT94K Datasheet HTML 11Page - ATMEL Corporation AT94K Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 192 page
background image
8
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
Cell Connections
Figure 5(a) depicts direct connections between an FPGA cell and its eight nearest neighbors.
Figure 5(b) shows the connections between a cell five horizontal local buses (one per busing
plane) and five vertical local buses (one per busing plane).
Figure 5. Cell Connections
The Cell
Figure 6 depicts the AT40K FPGA embedded core logic cell. Configuration bits for separate
muxes and pass gates are independent. All permutations of programmable muxes and pass
gates are legal. Vn is connected to the vertical local bus in plane n. Hn is connected to the hor-
izontal local bus in plane n. A local/local turn in plane n is achieved by turning on the two pass
gates connected to Vn and Hn. Up to five simultaneous local/local turns are possible.
The logic cell can be configured in several “modes”. The logic cell flexibility makes the FPGA
architecture well suited to all digital design application areas, see Figure 7. The IDS layout tool
automatically optimizes designs to utilize the cell flexibility.
(a) Cell-to-Cell Connections
(b) Cell-to-Bus Connections
W
X
Y
Z
L
WXYZL
Y
X
Y
Y
Y
X
XX
CELL
CELL
CELL
CELL
CELL
CELL
CELL
CELL
CELL
CELL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com