Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 72Page - ATMEL Corporation AT94K Datasheet HTML 73Page - ATMEL Corporation AT94K Datasheet HTML 74Page - ATMEL Corporation AT94K Datasheet HTML 75Page - ATMEL Corporation AT94K Datasheet HTML 76Page - ATMEL Corporation AT94K Datasheet HTML 77Page - ATMEL Corporation AT94K Datasheet HTML 78Page - ATMEL Corporation AT94K Datasheet HTML 79Page - ATMEL Corporation AT94K Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
76
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
EXTEST; $0
Mandatory JTAG instruction for selecting the Boundary-Scan Chain as Data Register for test-
ing circuitry external to the AVR package. For port-pins, Pull-up Disable, Output Control,
Output Data, and Input Data are all accessible in the scan chain. For Analog circuits having
off-chip connections, the interface between the analog and the digital logic is in the scan
chain. The contents of the latched outputs of the Boundary-Scan chain are driven out as soon
as the JTAG IR-register is loaded by the EXTEST instruction.
The active states are:
•
Capture-DR: Data on the external pins are sampled into the Boundary-Scan Chain.
•
Shift-DR: The Internal Scan Chain is shifted by the TCK input.
•
Update-DR: Data from the scan chain is applied to output pins.
IDCODE; $1
Optional JTAG instruction selecting the 32-bit ID register as Data Register. The ID register
consists of a version number, a device number and the manufacturer code chosen by JEDEC.
This is the default instruction after power-up.
The active states are:
•
Capture-DR: Data in the IDCODE register is sampled into the Boundary-Scan Chain.
•
Shift-DR: The IDCODE scan chain is shifted by the TCK input.
SAMPLE_PRELOAD; $2
Mandatory JTAG instruction for pre-loading the output latches and taking a snap-shot of the
input/output pins without affecting the system operation. However, the output latches are not
connected to the pins. The Boundary-Scan Chain is selected as Data Register.
The active states are:
•
Capture-DR: Data on the external pins are sampled into the Boundary-Scan Chain.
•
Shift-DR: The Boundary-Scan Chain is shifted by the TCK input.
•
Update-DR: Data from the Boundary-Scan chain is applied to the output latches. However,
the output latches are not connected to the pins.
AVR_RESET; $C
The AVR specific public JTAG instruction for forcing the AVR device into the Reset Mode or
releasing the JTAG reset source. The TAP controller is not reset by this instruction. The one
bit Reset Register is selected as Data Register. Note that the reset will be active as long as
there is a logic “1” in the Reset Chain. The output from this chain is not latched.
The active state is:
•
Shift-DR: The Reset Register is shifted by the TCK input.
BYPASS; $F
Mandatory JTAG instruction selecting the Bypass Register for Data Register.
The active states are:
•
Capture-DR: Loads a logic “0” into the Bypass Register.
•
Shift-DR: The Bypass Register cell between TDI and TDO is shifted.
Boundary-scan Chain
The Boundary-Scan chain has the capability of driving and observing the logic levels on the
AVR’s digital I/O pins.
Scanning the Digital
Port Pins
Figure 43 shows the boundary-scan cell for bi-directional port pins with pull-up function. The
cell consists of a standard boundary-scan cell for the pull-up function, and a bi-directional pin
cell that combines the three signals Output Control (OC), Output Data (OD), and Input Data
(ID), into only a two-stage shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com