Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 64Page - ATMEL Corporation AT94K Datasheet HTML 65Page - ATMEL Corporation AT94K Datasheet HTML 66Page - ATMEL Corporation AT94K Datasheet HTML 67Page - ATMEL Corporation AT94K Datasheet HTML 68Page - ATMEL Corporation AT94K Datasheet HTML 69Page - ATMEL Corporation AT94K Datasheet HTML 70Page - ATMEL Corporation AT94K Datasheet HTML 71Page - ATMEL Corporation AT94K Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 192 page
background image
68
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
JTAG Interface and
On-chip Debug
System
Features
• JTAG (IEEE std. 1149.1 Compliant) Interface
• AVR I/O Boundary-scan Capabilities According to the JTAG Standard
• Debugger Access to:
– All Internal Peripheral Units
– AVR Program and Data SRAM
– The Internal Register File
– Program Counter/Instruction
– FPGA/AVR Interface
• Extensive On-chip Debug Support for Break Conditions, Including
– Break on Change of Program Memory Flow
– Single Step Break
– Program Memory Breakpoints on Single Address or Address Range
– Data Memory Breakpoints on Single Address or Address Range
– FPGA Hardware Break
– Frame Memory Breakpoint on Single Address
• On-chip Debugging Supported by AVR Studio version 4 or above
Overview
The AVR IEEE std. 1149.1 compliant JTAG interface is used for on-chip debugging.
The On-Chip Debug support is considered being private JTAG instructions, and distributed
within ATMEL and to selected third-party vendors only.
Figure 39 shows a block diagram of the JTAG interface and the On-Chip Debug system. The
TAP Controller is a state machine controlled by the TCK and TMS signals. The TAP Controller
selects either the JTAG Instruction Register or one of several Data Registers as the scan
chain (shift register) between the TDI - input and TDO - output. The Instruction Register holds
JTAG instructions controlling the behavior of a Data Register.
Of the Data Registers, the ID-Register, Bypass Register, and the AVR I/O Boundary-Scan
Chain are used for board-level testing. The Internal Scan Chain and Break-Point Scan Chain
are used for On-Chip debugging only.
The Test Access
Port – TAP
The JTAG interface is accessed through four of the AVR’s pins. In JTAG terminology, these
pins constitute the Test Access Port - TAP. These pins are:
•
TMS: Test Mode Select. This pin is used for navigating through the TAP-controller state
machine.
•
TCK: Test Clock. JTAG operation is synchronous to TCK
•
TDI: Test Data In. Serial input data to be shifted in to the Instruction Register or Data
Register (Scan Chains)
•
TDO: Test Data Out. Serial output data from Instruction register or Data Register
The IEEE std. 1149.1 also specifies an optional TAP signal; TRST - Test ReSeT - which is not
provided.
When the JTAGEN bit is unprogrammed, these four TAP pins revert to normal operation.
When programmed, the input TAP signals are internally pulled High and the JTAG is enabled
for Boundary-Scan. System Designer sets this bit by default.
For the On-Chip Debug system, in addition the RESET pin is monitored by the debugger to be
able to detect external reset sources. The debugger can also pull the RESET pin Low to reset
the whole system, assuming only open collectors on reset line are used in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com