Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 45Page - ATMEL Corporation AT94K Datasheet HTML 46Page - ATMEL Corporation AT94K Datasheet HTML 47Page - ATMEL Corporation AT94K Datasheet HTML 48Page - ATMEL Corporation AT94K Datasheet HTML 49Page - ATMEL Corporation AT94K Datasheet HTML 50Page - ATMEL Corporation AT94K Datasheet HTML 51Page - ATMEL Corporation AT94K Datasheet HTML 52Page - ATMEL Corporation AT94K Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 192 page
background image
49
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
Figure 32. Memory-mapped I/O
For single-cycle access (In/Out Commands) to I/O, the instruction has to be less than 16 bits:
In the data SRAM, the registers are located at memory addresses $00 - $1F and the I/O space
is located at memory addresses $20 - $5F.
As there are only 6 bits available to refer to the I/O space, the address is shifted down 2 bits.
This means the In/Out commands access $00 to $3F which goes directly to the I/O and maps
to $20 to $5F in SRAM. All other instructions access the I/O space through the $20 - $5F
addressing.
For compatibility with future devices, reserved bits should be written zero if accessed.
Reserved I/O memory addresses should never be written.
The status flags are cleared by writing a logic 1 to them. Note that the CBI and SBI instructions
will operate on all bits in the I/O register, writing a one back into any flag read as set, thus
clearing the flag. The CBI and SBI instructions work with registers $00 to $1F only.
opcode
register
address
5bits
r0 - 31 ($1F)
5bits
r0 - 63 ($3F)
6bits
$00
$1F
$5F
SRAM Space
I/O Space
$00
$3F
Memory-mapped
I/O
Registers r0 - r31
Used for In/Out
Instructions
Used for all
Other Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com