Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 35Page - ATMEL Corporation AT94K Datasheet HTML 36Page - ATMEL Corporation AT94K Datasheet HTML 37Page - ATMEL Corporation AT94K Datasheet HTML 38Page - ATMEL Corporation AT94K Datasheet HTML 39Page - ATMEL Corporation AT94K Datasheet HTML 40Page - ATMEL Corporation AT94K Datasheet HTML 41Page - ATMEL Corporation AT94K Datasheet HTML 42Page - ATMEL Corporation AT94K Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
39
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
ST
-Y, Rr
Store Indirect and Pre-Decrement
Y
← Y- 1, (Y) ← Rr
None
2
STD
Y+q, Rr
Store Indirect with Displacement
(Y + q)
← Rr
None
2
ST
Z, Rr
Store Indirect
(Z)
← Rr
None
2
ST
Z+, Rr
Store Indirect and Post-Increment
(Z)
← Rr, Z ← Z + 1
None
2
ST
-Z, Rr
Store Indirect and Pre-Decrement
Z
← Z- 1, (Z) ← Rr
None
2
STD
Z+q, Rr
Store Indirect with Displacement
(Z + q)
← Rr
None
2
LPM
Load Program Memory
R0
← (Z)
None
3
LPM
Rd, Z
Load Program Memory
Rd
← (Z)
None
3
LPM
Rd, Z+
Load Program Memory and Post-
Increment
Rd
← (Z), Z ← Z + 1
None
3
IN
Rd, A
In From I/O Location
Rd
← I/O(A)
None
1
OUT
A, Rr
Out To I/O Location
I/O(A)
← Rr
None
1
PUSH
Rr
Push Register on Stack
STACK
← Rr
None
2
POP
Rd
Pop Register from Stack
Rd
← STACK
None
2
Bit and Bit-test Instructions
LSL
Rd
Logical Shift Left
Rd(n+1)
←Rd(n),Rd(0)←0,C←Rd(7)
Z,C,N,V,H
1
LSR
Rd
Logical Shift Right
Rd(n)
←Rd(n+1),Rd(7)←0,C←Rd(0)
Z,C,N,V
1
ROL
Rd
Rotate Left Through Carry
Rd(0)
←C,Rd(n+1)←Rd(n),C←Rd(7)
Z,C,N,V,H
1
ROR
Rd
Rotate Right Through Carry
Rd(7)
←C,Rd(n)←Rd(n+1),C←Rd(0)
Z,C,N,V
1
ASR
Rd
Arithmetic Shift Right
Rd(n)
← Rd(n+1), n=0..6
Z,C,N,V
1
SWAP
Rd
Swap Nibbles
Rd(3..0)
↔ Rd(7..4)
None
1
BSET
s
Flag Set
SREG(s)
← 1SREG(s)
1
BCLR
s
Flag Clear
SREG(s)
← 0SREG(s)
1
SBI
A, b
Set Bit in I/O Register
I/O(A, b)
← 1
None
2
CBI
A, b
Clear Bit in I/O Register
I/O(A, b)
← 0
None
2
BST
Rr, b
Bit Store from Register to T
T
← Rr(b)
T
1
BLD
Rd, b
Bit load from T to Register
Rd(b)
← T
None
1
SEC
Set Carry
C
← 1C
1
CLC
Clear Carry
C
← 0C
1
SEN
Set Negative Flag
N
← 1N
1
CLN
Clear Negative Flag
N
← 0N
1
SEZ
Set Zero Flag
Z
← 1Z
1
CLZ
Clear Zero Flag
Z
← 0Z
1
SEI
Global Interrupt Enable
I
← 1I
1
CLI
Global Interrupt Disable
I
← 0I
1
SES
Set Signed Test Flag
S
← 1S
1
Instruction Set Summary (Continued)
Mnemonics
Operands
Description
Operation
Flags
#Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com