Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 53Page - ATMEL Corporation AT94K Datasheet HTML 54Page - ATMEL Corporation AT94K Datasheet HTML 55Page - ATMEL Corporation AT94K Datasheet HTML 56Page - ATMEL Corporation AT94K Datasheet HTML 57Page - ATMEL Corporation AT94K Datasheet HTML 58Page - ATMEL Corporation AT94K Datasheet HTML 59Page - ATMEL Corporation AT94K Datasheet HTML 60Page - ATMEL Corporation AT94K Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 192 page
background image
57
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
FPGA I/O Interrupt
Control by AVR
This is an alternate memory space for the FPGA I/O Select addresses. If the FIADR bit in the
FISCR register is set to logic 1, the four I/O addresses, FISUA - FISUD, are mapped to physi-
cal registers and provide memory space for FPGA interrupt masking and interrupt flag status.
If the FIADR bit in the FISCR register is cleared to a logic 0, the I/O register addresses will be
decoded into FPGA select lines.
All FPGA interrupt lines into the AVR are negative edge triggered. See page 58 for interrupt
priority.
Interrupt Control Registers – FISUA..D
• Bits 7..4 - FIF3 - 0: FPGA Interrupt Flags 3 - 0
The 16 FPGA interrupt flag bits all work the same. Each is set (one) by a valid negative edge
transition on its associated interrupt line from the FPGA. Valid transitions are defined as any
change in state preceded by at least two cycles of the old state and succeeded by at least two
cycles of the new state. Therefore, it is required that interrupt lines transition from 1 to 0 at
least two cycles after the line is stable High; the line must then remain stable Low for at least
two cycles following the transition. Each bit is cleared by the hardware when executing the cor-
responding interrupt handling vector. Alternatively, each bit will be cleared by writing a logic 1
to it. When the I-bit in the Status Register, the corresponding FPGA interrupt mask bit and the
given FPGA interrupt flag bit are set (one), the associated interrupt is executed.
• Bits 7..4 - FIF7 - 4: FPGA Interrupt Flags 7 - 4
See
Bits 7..4 - FIF3 - 0: FPGA Interrupt Flags 3 - 0.
• Bits 7..4 - FIF11 - 8: FPGA Interrupt Flags 11 - 8
See
Bits 7..4 - FIF3 - 0: FPGA Interrupt Flags 3 - 0. Not available on the AT94K05.
• Bits 7..4 - FIF15 - 12: FPGA Interrupt Flags 15 - 12
See
Bits 7..4 - FIF3 - 0: FPGA Interrupt Flags 3 - 0. Not available on the AT94K05.
• Bits 3..0 - FINT3 - 0: FPGA Interrupt Masks 3 - 0(1)
The 16 FPGA interrupt mask bits all work the same. When a mask bit is set (one) and the I-bit
in the Status Register is set (one), the given FPGA interrupt is enabled. The corresponding
interrupt handling vector is executed when the given FPGA interrupt flag bit is set (one) by a
negative edge transition on the associated interrupt line from the FPGA.
Note:
1. FPGA interrupts 3 - 0 will cause a wake-up from the AVR Sleep modes. These interrupts are
treated as low-level triggered in the Power-down and Power-save modes, see “Sleep
Modes” on page 66.
• Bits 3..0 - FINT7 - 4: FPGA Interrupt Masks 7 - 4
See
Bits 3..0 - FINT3 - 0: FPGA Interrupt Masks 3 - 0.
• Bits 3..0 - FINT11 - 8: FPGA Interrupt Masks 11 - 8
See
Bits 3..0 - FINT3 - 0: FPGA Interrupt Masks 3 - 0. Not available on the AT94K05.
• Bits 3..0 - FINT15 - 12: FPGA Interrupt Masks 15 -12
See
Bits 3..0 - FINT3 - 0: FPGA Interrupt Masks 3 - 0. Not available on the AT94K05.
Bit
7
65
432
10
$14 ($34)
FIF3
FIF2
FIF1
FIF0
FINT3
FINT2
FINT1
FINT0
FISUA
$15 ($35)
FIF7
FIF6
FIF5
FIF4
FINT7
FINT6
FINT5
FINT4
FSUB
$16 ($36)
FIF11
FIF10
FIF9
FIF8
FINT11
FINT10
FINT9
FINT8
FISUC
$17 ($37)
FIF15
FIF14
FIF13
FIF12
FINT15
FINT14
FINT13
FINT12
FISUD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com