Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 32Page - ATMEL Corporation AT94K Datasheet HTML 33Page - ATMEL Corporation AT94K Datasheet HTML 34Page - ATMEL Corporation AT94K Datasheet HTML 35Page - ATMEL Corporation AT94K Datasheet HTML 36Page - ATMEL Corporation AT94K Datasheet HTML 37Page - ATMEL Corporation AT94K Datasheet HTML 38Page - ATMEL Corporation AT94K Datasheet HTML 39Page - ATMEL Corporation AT94K Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
36
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
Complete Instruction Set Summary
Conditional Branch Summary
Test
Boolean
Mnemonic
Complementary
Boolean
Mnemonic
Comment
Rd > Rr
Z
•(N ⊕ V) = 0
BRLT
Rd
≤ Rr
Z+(N
⊕ V) = 1
BRGE
Signed
Rd
≥ Rr
(N
⊕ V) = 0
BRGE
Rd < Rr
(N
⊕ V) = 1
BRLT
Signed
Rd = Rr
Z = 1
BREQ
Rd
≠ Rr
Z = 0
BRNE
Signed
Rd
≤ Rr
Z+(N
⊕ V) = 1
BRGE
Rd > Rr
Z
•(N ⊕ V) = 0
BRLT
Signed
Rd < Rr
(N
⊕ V) = 1
BRLT
Rd
≥ Rr
(N
⊕ V) = 0
BRGE
Signed
Rd >Rr
C + Z=0
BRLO
Rd
≤ Rr
C +Z=1
BRSH
Unsigned
Rd
≥ Rr
C = 0
BRSH/BRCC
Rd < Rr
C = 1
BRLO/BRCS
Unsigned
Rd = Rr
Z = 1
BREQ
Rd
≠ Rr
Z = 0
BRNE
Unsigned
Rd
≤ Rr
C+ Z=1
BRSH
Rd >Rr
C +Z=0
BRLO
Unsigned
Rd < Rr
C = 1
BRLO/BRCS
Rd
≥ Rr
C = 0
BRSH/BRCC
Unsigned
Carry
C = 1
BRCS
No Carry
C = 0
BRCC
Simple
Negative
N = 1
BRMI
Positive
N = 0
BRPL
Simple
Overflow
V = 1
BRVS
No Overflow
V = 0
BRVC
Simple
Zero
Z = 1
BREQ
Not Zero
Z = 0
BRNE
Simple
Instruction Set Summary
Mnemonics
Operands
Description
Operation
Flags
#Clock
Arithmetic and Logic Instructions
ADD
Rd, Rr
Add without Carry
Rd
← Rd + Rr
Z,C,N,V,S,H
1
ADC
Rd, Rr
AddwithCarry
Rd
← Rd + Rr + C
Z,C,N,V,S,H
1
ADIW
Rd, K
Add Immediate to Word
Rd+1:Rd
← Rd+1:Rd + K
Z,C,N,V,S
2
SUB
Rd, Rr
Subtract without Carry
Rd
← Rd - Rr
Z,C,N,V,S,H
1
SUBI
Rd, K
Subtract Immediate
Rd
← Rd - K
Z,C,N,V,S,H
1
SBC
Rd, Rr
Subtract with Carry
Rd
← Rd -Rr-C
Z,C,N,V,S,H
1
SBCI
Rd, K
Subtract Immediate with Carry
Rd
← Rd -K -C
Z,C,N,V,S,H
1
SBIW
Rd, K
Subtract Immediate from Word
Rd+1:Rd
← Rd+1:Rd - K
Z,C,N,V,S
2
AND
Rd, Rr
Logical AND
Rd
← Rd • Rr
Z,N,V,S
1
ANDI
Rd, K
Logical AND with Immediate
Rd
← Rd • K
Z,N,V,S
1
OR
Rd, Rr
Logical OR
Rd
← Rd v Rr
Z,N,V,S
1
ORI
Rd, K
Logical OR with Immediate
Rd
← Rd v K
Z,N,V,S
1
EOR
Rd, Rr
Exclusive OR
Rd
← Rd ⊕ Rr
Z,N,V,S
1
COM
Rd
One’s Complement
Rd
← $FF - Rd
Z,C,N,V,S
1
NEG
Rd
Two’s Complement
Rd
← $00 - Rd
Z,C,N,V,S,H
1
SBR
Rd, K
Set Bit(s) in Register
Rd
← Rd v K
Z,N,V,S
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com