Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 18Page - ATMEL Corporation AT94K Datasheet HTML 19Page - ATMEL Corporation AT94K Datasheet HTML 20Page - ATMEL Corporation AT94K Datasheet HTML 21Page - ATMEL Corporation AT94K Datasheet HTML 22Page - ATMEL Corporation AT94K Datasheet HTML 23Page - ATMEL Corporation AT94K Datasheet HTML 24Page - ATMEL Corporation AT94K Datasheet HTML 25Page - ATMEL Corporation AT94K Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 192 page
background image
22
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
Program and
Data SRAM
Up to 36 Kbytes of 15 ns dual-port SRAM reside between the FPGA and the AVR. This SRAM
is used by the AVR for program instruction and general-purpose data storage. The AVR is
connected to one side of this SRAM; the FPGA is connected to the other side. The port con-
nected to the FPGA is used to store data without using up bandwidth on the AVR system data
bus.
The FPGA core communicates directly with the data SRAM(1) block, viewing all SRAM mem-
ory space as 8-bit memory.
Note:
1. The unused bits for the FPGA-SRAM address must tie to ‘0’ because there is no pull-down
circuitry.
For the AT94K10 and AT94K40, the internal program and data SRAM is divided into three
blocks: 10 Kbytes x 16 dedicated program SRAM, 4 Kbytes x 8 dedicated data SRAM and 6
Kbytes x 16 or 12 Kbytes x 8 configurable SRAM, which may be swapped between program
and data memory spaces in 2 Kbytes x 16 or 4 Kbytes x 8 partitions.
For the AT94K05, the internal program and data SRAM is divided into three blocks: 4 Kbytes
16 dedicated program SRAM, 4 Kbytes x 8 dedicated data SRAM and 6 Kbytes x 16 or 12
Kbytes x 8 configurable SRAM, which may be swapped between program and data memory
spaces in 2 Kbytes x 16 or 4 Kbytes x 8 partitions.
The addressing scheme for the configurable SRAM partitions prevents program instructions
from overwriting data words and vice versa. Once configured (SCR41:40 – See “System Con-
trol Register – FPGA/AVR” on page 30.), the program memory space remains isolated from
the data memory space. SCR41:40 controls internal muxes. Write enable signals allow the
memory to be safely segmented. Figure 19 shows the FPSLIC configurable allocation SRAM
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com