Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 61Page - ATMEL Corporation AT94K Datasheet HTML 62Page - ATMEL Corporation AT94K Datasheet HTML 63Page - ATMEL Corporation AT94K Datasheet HTML 64Page - ATMEL Corporation AT94K Datasheet HTML 65Page - ATMEL Corporation AT94K Datasheet HTML 66Page - ATMEL Corporation AT94K Datasheet HTML 67Page - ATMEL Corporation AT94K Datasheet HTML 68Page - ATMEL Corporation AT94K Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 192 page
background image
65
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
• Bit 2 - OCIE2: Timer/Counter2 Output Compare Interrupt Enable
When the OCIE2 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter2 Compare Match interrupt is enabled. The corresponding interrupt is executed
if a Compare match in Timer/Counter2 occurs, i.e., when the OCF2 bit is set in the
Timer/Counter interrupt flag register – TIFR.
• Bit 1 - TOIE0: Timer/Counter0 Overflow Interrupt Enable
When the TOIE0 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter0 Overflow interrupt is enabled. The corresponding interrupt is executed if an
overflow in Timer/Counter0 occurs, i.e., when the TOV0 bit is set in the Timer/Counter Inter-
rupt Flag Register – TIFR.
• Bit 0 - OCIE0: Timer/Counter0 Output Compare Interrupt Enable
When the OCIE0 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter0 Compare Match interrupt is enabled. The corresponding interrupt is executed
if a Compare match in Timer/Counter0 occurs, i.e., when the OCF0 bit is set in the
Timer/Counter Interrupt Flag Register – TIFR.
Timer/Counter Interrupt Flag Register – TIFR
• Bit 7 - TOV1: Timer/Counter1 Overflow Flag
The TOV1 is set (one) when an overflow occurs in Timer/Counter1. TOV1 is cleared by the
hardware when executing the corresponding interrupt handling vector. Alternatively, TOV1 is
cleared by writing a logic 1 to the flag. When the I-bit in SREG, and TOIE1 (Timer/Counter1
Overflow Interrupt Enable), and TOV1 are set (one), the Timer/Counter1 Overflow Interrupt is
executed. In PWM mode, this bit is set when Timer/Counter1 advances from $0000.
• Bit6- OCF1A:OutputCompare Flag 1A
The OCF1A bit is set (one) when compare match occurs between the Timer/Counter1 and the
data in OCR1A – Output Compare Register 1A. OCF1A is cleared by the hardware when exe-
cuting the corresponding interrupt handling vector. Alternatively, OCF1A is cleared by writing a
logic 1 to the flag. When the I-bit in SREG, and OCIE1A (Timer/Counter1 Compare Interrupt
Enable), and the OCF1A are set (one), the Timer/Counter1 Compare A match Interrupt is
executed.
• Bit5- OCF1B:OutputCompare Flag 1B
The OCF1B bit is set (one) when compare match occurs between the Timer/Counter1 and the
data in OCR1B – Output Compare Register 1B. OCF1B is cleared by the hardware when exe-
cuting the corresponding interrupt handling vector. Alternatively, OCF1B is cleared by writing a
logic 1 to the flag. When the I-bit in SREG, and OCIE1B (Timer/Counter1 Compare match
Interrupt Enable), and the OCF1B are set (one), the Timer/Counter1 Compare B match Inter-
rupt is executed.
• Bit 4 - TOV2: Timer/Counter2 Overflow Flag
The TOV2 bit is set (one) when an overflow occurs in Timer/Counter2. TOV2 is cleared by the
hardware when executing the corresponding interrupt handling vector. Alternatively, TOV2 is
cleared by writing a logic 1 to the flag. When the I-bit in SREG, and TOIE2 (Timer/Counter1
Overflow Interrupt Enable), and TOV2 are set (one), the Timer/Counter2 Overflow Interrupt is
executed. In PWM mode, this bit is set when Timer/Counter2 advances from $00.
Bit
7
65
432
10
$38 ($58)
TOV1
OCF1A
OCF1B
TOV2
ICF1
OCF2
TOV0
OCF0
TIFR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com