Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 58Page - ATMEL Corporation AT94K Datasheet HTML 59Page - ATMEL Corporation AT94K Datasheet HTML 60Page - ATMEL Corporation AT94K Datasheet HTML 61Page - ATMEL Corporation AT94K Datasheet HTML 62Page - ATMEL Corporation AT94K Datasheet HTML 63Page - ATMEL Corporation AT94K Datasheet HTML 64Page - ATMEL Corporation AT94K Datasheet HTML 65Page - ATMEL Corporation AT94K Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 192 page
background image
62
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
Note:
1. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling).
Power-on Reset
A Power-on Reset (POR) circuit ensures that the device is reset from power-on. As shown in
Figure 35, an internal timer clocked from the Watchdog Timer oscillator prevents the MCU
from starting until after a certain period after VCC has reached the Power-on Threshold voltage
– VPOT, regardless of the VCC rise time (see Figure 36 and Figure 37).
Figure 36. MCU Start-up, RESET Tied to VCC
Figure 37. Watchdog Reset during Operation
Table 15. Reset Characteristics (VCC =3.3V)
Symbol
Parameter
Minimum
Typical
Maximum
Units
V
POT(1)
Power-on Reset Threshold
(Rising)
1.0
1.4
1.8
V
Power-on Reset Threshold
(Falling)
0.4
0.6
0.8
V
V
RST
RESET Pin Threshold
Voltage
V
CC/2
V
TTOUT
Reset Delay Time-out Period
5
CPU
cycles
0.4
3.2
12.8
0.5
4.0
16.0
0.6
4.8
19.2
ms
VCC
RESET
TIME-OUT
INTERNAL RESET
tTOUT
VPOT
VRST
RESET (HIGH)
RESET TIME-OUT
INTERNAL RESET
WDT TIME-OUT
tTOUT
1 XTAL CYCLE
VCC (HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com