Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 1 Page - ATMEL Corporation

  AT94K Datasheet HTML 1Page - ATMEL Corporation AT94K Datasheet HTML 2Page - ATMEL Corporation AT94K Datasheet HTML 3Page - ATMEL Corporation AT94K Datasheet HTML 4Page - ATMEL Corporation AT94K Datasheet HTML 5Page - ATMEL Corporation AT94K Datasheet HTML 6Page - ATMEL Corporation AT94K Datasheet HTML 7Page - ATMEL Corporation AT94K Datasheet HTML 8Page - ATMEL Corporation AT94K Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 192 page
background image
1
Features
• Monolithic Field Programmable System Level Integrated Circuit (FPSLIC™)
– AT40K SRAM-based FPGA with Embedded High-performance RISC AVR
® Core,
Extensive Data and Instruction SRAM and JTAG ICE
• 5,000 to 40,000 Gates of Patented SRAM-based AT40K FPGA with FreeRAM™
– 2 - 18.4 Kbits of Distributed Single/Dual Port FPGA User SRAM
– High-performance DSP Optimized FPGA Core Cell
– Dynamically Reconfigurable In-System – FPGA Configuration Access Available
On-chip from AVR Microcontroller Core to Support Cache Logic
® Designs
– Very Low Static and Dynamic Power Consumption – Ideal for Portable and
Handheld Applications
• Patented AVR Enhanced RISC Architecture
– 120+ Powerful Instructions – Most Single Clock Cycle Execution
– High-performance Hardware Multiplier for DSP-based Systems
– Approaching 1 MIPS per MHz Performance
– C Code Optimized Architecture with 32 x 8 General-purpose Internal Registers
– Low-power Idle, Power-save and Power-down Modes
– 100 µA Standby and Typical 2-3 mA per MHz Active
• Up to 36 Kbytes of Dynamically Allocated Instruction and Data SRAM
– Up to 16 Kbytes x 16 Internal 15 ns Instructions SRAM
– Upto16Kbytesx 8Internal 15 ns DataSRAM
• JTAG (IEEE std. 1149.1 Compliant) Interface
– Extensive On-chip Debug Support
– Limited Boundary-scan Capabilities According to the JTAG Standard (AVR Ports)
• AVR Fixed Peripherals
– Industry-standard 2-wire Serial Interface
– Two Programmable Serial UARTs
– Two 8-bit Timer/Counters with Separate Prescaler and PWM
– One 16-bit Timer/Counter with Separate Prescaler, Compare, Capture
Modes and Dual 8-, 9- or 10-bit PWM
• Support for FPGA Custom Peripherals
– AVR Peripheral Control – 16 Decoded AVR Address Lines Directly Accessible
to FPGA
– FPGA Macro Library of Custom Peripherals
• 16 FPGA Supplied Internal Interrupts to AVR
• Up to Four External Interrupts to AVR
• 8 Global FPGA Clocks
– Two FPGA Clocks Driven from AVR Logic
– FPGA Global Clock Access Available from FPGA Core
• Multiple Oscillator Circuits
– Programmable Watchdog Timer with On-chip Oscillator
– Oscillator to AVR Internal Clock Circuit
– Software-selectable Clock Frequency
– Oscillator to Timer/Counter for Real-time Clock
• V
CC: 3.0V - 3.6V
• 3.3V 33 MHz PCI-compliant FPGA I/O
– 20 mA Sink/Source High-performance I/O Structures
– All FPGA I/O Individually Programmable
• High-performance, Low-power 0.35µ CMOS Five-layer Metal Process
• State-of-the-art Integrated PC-based Software Suite including Co-verification
• 5V I/O Tolerant
5K - 40K Gates
of AT40K FPGA
with 8-bit
Microcontroller,
up to 36K Bytes
of SRAM and
On-chip
JTAG ICE
AT94K Series
Field
Programmable
System Level
Integrated
Circuit
Rev. 1138F–FPSLI–06/02


Similar Part No. - AT94K

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94K05 ATMEL-AT94K05 Datasheet
170Kb / 5P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K05AL ATMEL-AT94K05AL Datasheet
221Kb / 1P
FPSLIC is ALL About Time To Market
AT94K05AL ATMEL-AT94K05AL Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
AT94K10 ATMEL-AT94K10 Datasheet
170Kb / 5P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K10AL ATMEL-AT94K10AL Datasheet
221Kb / 1P
FPSLIC is ALL About Time To Market
More results

Similar Description - AT94K

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT40K05 ATMEL-AT40K05 Datasheet
1Mb / 67P
5K - 50K Gates Coprocessor FPGA with FreeRAM
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
ATTINY28L ATMEL-ATTINY28L_06 Datasheet
176Kb / 13P
8-bit Microcontroller with 2K Bytes of Flash
ATMEGA406 ATMEL-ATMEGA406_06 Datasheet
359Kb / 28P
8-bit Microcontroller with 40K Bytes In-System Programmable Flash
ATMEGA406_0607 ATMEL-ATMEGA406_0607 Datasheet
2Mb / 263P
8-bit Microcontroller with 40K Bytes In-System Programmable Flash
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
5K ??50K Gates Coprocessor FPGA with FreeRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com