Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 70Page - ATMEL Corporation AT94K Datasheet HTML 71Page - ATMEL Corporation AT94K Datasheet HTML 72Page - ATMEL Corporation AT94K Datasheet HTML 73Page - ATMEL Corporation AT94K Datasheet HTML 74Page - ATMEL Corporation AT94K Datasheet HTML 75Page - ATMEL Corporation AT94K Datasheet HTML 76Page - ATMEL Corporation AT94K Datasheet HTML 77Page - ATMEL Corporation AT94K Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 192 page
background image
74
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
undetermined state when exiting the test mode. If needed, the BYPASS instruction can be
issued to make the shortest possible scan chain through the device. The AVR can be set in
the reset state either by pulling the external AVR RESET pin Low, or issuing the AVR_RESET
instruction with appropriate setting of the Reset Data Register.
The EXTEST instruction is used for sampling external pins and loading output pins with data.
The data from the output latch will be driven out on the pins as soon as the EXTEST instruc-
tion is loaded into the JTAG IR-register. Therefore, the SAMPLE/PRELOAD should also be
used for setting initial values to the scan ring, to avoid damaging the board when issuing the
EXTEST instruction for the first time. SAMPLE/PRELOAD can also be used for taking a snap-
shot of the AVR’s external pins during normal operation of the part.
The JTAG Enable bit must be programmed and the JTD bit in the I/O register MCUR must be
cleared to enable the JTAG Test Access Port.
When using the JTAG interface for Boundary-Scan, using a JTAG TCK clock frequency higher
than the internal chip frequency is possible. The chip clock is not required to run.
Data Registers
The Data Registers are selected by the JTAG instruction registers described in section
“Boundary-scan Specific JTAG Instructions” on page 75. The data registers relevant for
Boundary-Scan operations are:
•
Bypass Register
•
Device Identification Register
•
AVR Reset Register
•
AVR Boundary-Scan Chain
Bypass Register
The Bypass register consists of a single shift-register stage. When the Bypass register is
selected as path between TDI and TDO, the register is reset to 0 when leaving the Capture-
DR controller state. The Bypass register can be used to shorten the scan chain on a system
when the other devices are to be tested.
Device
Identification
Register
Figure 41 shows the structure of the Device Identification register.
Figure 41. The format of the Device Identification Register
Version
Version is a 4-bit number identifying the revision of the component. The relevant version num-
bers are shown in Table 17.
MSB
LSB
Bit
312827
12
11
1
0
Device ID
Version
Part Number
Manufacturer ID
1
4bits
16bits
11 bits
1 bit
Table 17. JTAG Part Version
Device
Version (Binary Digits)
AT94K05
–
AT94K10
0010
AT94K40
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com