Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 34Page - ATMEL Corporation AT94K Datasheet HTML 35Page - ATMEL Corporation AT94K Datasheet HTML 36Page - ATMEL Corporation AT94K Datasheet HTML 37Page - ATMEL Corporation AT94K Datasheet HTML 38Page - ATMEL Corporation AT94K Datasheet HTML 39Page - ATMEL Corporation AT94K Datasheet HTML 40Page - ATMEL Corporation AT94K Datasheet HTML 41Page - ATMEL Corporation AT94K Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 192 page
background image
38
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
BRSH
k
Branch if Same or Higher
if (C = 0) then PC
← PC +k +1
None
1/ 2
BRLO
k
Branch if Lower
if (C = 1) then PC
← PC +k +1
None
1/ 2
BRMI
k
Branch if Minus
if (N = 1) then PC
← PC +k +1
None
1/ 2
BRPL
k
Branch if Plus
if (N = 0) then PC
← PC +k +1
None
1/ 2
BRGE
k
Branch if Greater or Equal, Signed
if (N
⊕ V= 0) then PC ← PC + k + 1
None
1 / 2
BRLT
k
Branch if Less Than, Signed
if (N
⊕ V= 1) then PC ← PC + k + 1
None
1 / 2
BRHS
k
Branch if Half-carry Flag Set
if (H = 1) then PC
← PC +k +1
None
1/ 2
BRHC
k
Branch if Half-carry Flag Cleared
if (H = 0) then PC
← PC +k +1
None
1/ 2
BRTS
k
Branch if T Flag Set
if (T = 1) then PC
← PC + k + 1
None
1 / 2
BRTC
k
Branch if T Flag Cleared
if (T = 0) then PC
← PC + k + 1
None
1 / 2
BRVS
k
Branch if Overflow Flag is Set
if (V = 1) then PC
← PC + k + 1
None
1 / 2
BRVC
k
Branch if Overflow Flag is Cleared
if (V = 0) then PC
← PC + k + 1
None
1 / 2
BRIE
k
Branch if Interrupt Enabled
if (I = 1) then PC
← PC + k + 1
None
1 / 2
BRID
k
Branch if Interrupt Disabled
if (I = 0) then PC
← PC + k + 1
None
1 / 2
Data Transfer Instructions
MOV
Rd, Rr
Copy Register
Rd
← Rr
None
1
MOVW
Rd, Rr
Copy Register Pair
Rd+1:Rd
← Rr+1:Rr
None
1
LDI
Rd, K
Load Immediate
Rd
← K
None
1
LDS
Rd, k
Load Direct from Data Space
Rd
← (k)
None
2
LD
Rd, X
Load Indirect
Rd
← (X)
None
2
LD
Rd, X+
Load Indirect and Post-Increment
Rd
← (X), X ← X + 1
None
2
LD
Rd, -X
Load Indirect and Pre-Decrement
X
← X- 1, Rd ← (X)
None
2
LD
Rd, Y
Load Indirect
Rd
← (Y)
None
2
LD
Rd, Y+
Load Indirect and Post-Increment
Rd
← (Y), Y ← Y + 1
None
2
LD
Rd, -Y
Load Indirect and Pre-Decrement
Y
← Y- 1, Rd ← (Y)
None
2
LDD
Rd, Y+q
Load Indirect with Displacement
Rd
← (Y + q)
None
2
LD
Rd, Z
Load Indirect
Rd
← (Z)
None
2
LD
Rd, Z+
Load Indirect and Post-Increment
Rd
← (Z), Z ← Z+1
None
2
LD
Rd, -Z
Load Indirect and Pre-Decrement
Z
← Z- 1, Rd ← (Z)
None
2
LDD
Rd, Z+q
Load Indirect with Displacement
Rd
← (Z+q)
None
2
STS
k, Rr
Store Direct to Data Space
Rd
← (k)
None
2
ST
X, Rr
Store Indirect
(X)
← Rr
None
2
ST
X+, Rr
Store Indirect and Post-Increment
(X)
← Rr, X ← X + 1
None
2
ST
-X, Rr
Store Indirect and Pre-Decrement
X
← X- 1, (X) ← Rr
None
2
ST
Y, Rr
Store Indirect
(Y)
← Rr
None
2
ST
Y+, Rr
Store Indirect and Post-Increment
(Y)
← Rr, Y ← Y + 1
None
2
Instruction Set Summary (Continued)
Mnemonics
Operands
Description
Operation
Flags
#Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com