Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 38Page - ATMEL Corporation AT94K Datasheet HTML 39Page - ATMEL Corporation AT94K Datasheet HTML 40Page - ATMEL Corporation AT94K Datasheet HTML 41Page - ATMEL Corporation AT94K Datasheet HTML 42Page - ATMEL Corporation AT94K Datasheet HTML 43Page - ATMEL Corporation AT94K Datasheet HTML 44Page - ATMEL Corporation AT94K Datasheet HTML 45Page - ATMEL Corporation AT94K Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 192 page
background image
42
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
No Clock/Oscillator
Source
When not in use, for low static IDD, add a pull-down resistor to XTAL1.
Figure 26. No Clock/Oscillator Connections
Timer Oscillator
For the timer oscillator pins, TOSC1 and TOSC2, the crystal is connected directly between the
pins. The oscillator is optimized for use with a 32.768 kHz watch crystal. An external clock sig-
nal applied to this pin goes through the same amplifier having a bandwidth of 1 MHz. The
external clock signal should therefore be in the range
0Hz – 1MHz.
Figure 27. Time Oscillator Connections
Architectural
Overview
The AVR uses a Harvard architecture concept – with separate memories and buses for pro-
gram and data. The program memory is accessed with a single level pipeline. While one
instruction is being executed, the next instruction is pre-fetched from the program memory.
This concept enables instructions to be executed in every clock-cycle. The program memory is
in-system programmable SRAM memory. With a few exceptions, AVR instructions have a sin-
gle 16-bit word format, meaning that every program memory address contains a single 16-bit
instruction.
During interrupts and subroutine calls, the return address program counter (PC) is stored on
the stack. The stack is effectively allocated in the general data SRAM, as a consequence, the
stack size is only limited by the total SRAM size and the usage of the SRAM. All user pro-
grams must initialize the Stack Pointer (SP) in the reset routine (before subroutines or
interrupts are executed). The 16-bit stack pointer is read/write accessible in the I/O space.
The data SRAM can be easily accessed through the five different addressing modes sup-
ported in the AVR architecture.
A flexible interrupt module has its control registers in the I/O space with an additional global
interrupt enable bit in the status register. All the different interrupts have a separate interrupt
vector in the interrupt vector table at the beginning of the program memory. The different inter-
rupts have priority in accordance with their interrupt vector position. The lower the interrupt
vector address, the higher the priority.
The memory spaces in the AVR architecture are all linear and regular memory maps.
XTAL2
XTAL1
GND
NC
RPD
RPD = 4.7 KΩ
TOSC2
TOSC1
C1
C2
RB
RS
C1 = 33 pF
C2 = 27 pF
RB = 10M
RS = 200K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com