Electronic Components Datasheet Search
  English  ▼

X  

AT94K Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 2 Page - ATMEL Corporation

  AT94K Datasheet HTML 1Page - ATMEL Corporation AT94K Datasheet HTML 2Page - ATMEL Corporation AT94K Datasheet HTML 3Page - ATMEL Corporation AT94K Datasheet HTML 4Page - ATMEL Corporation AT94K Datasheet HTML 5Page - ATMEL Corporation AT94K Datasheet HTML 6Page - ATMEL Corporation AT94K Datasheet HTML 7Page - ATMEL Corporation AT94K Datasheet HTML 8Page - ATMEL Corporation AT94K Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
2
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
Description
The AT94K Series FPSLIC family shown in Table 1 is a combination of the popular Atmel
AT40K Series SRAM FPGAs and the high-performance Atmel AVR 8-bit RISC microcontroller
with standard peripherals. Extensive data and instruction SRAM as well as device control and
management logic are included on this monolithic device, fabricated on Atmel’s 0.35µ five-
layer metal CMOS process.
The AT40K FPGA core is a fully 3.3V PCI-compliant, SRAM-based FPGA with distributed
10 ns programmable synchronous/asynchronous, dual-port/single-port SRAM, 8 global clocks,
Cache Logic ability (partially or fully reconfigurable without loss of data) and 5,000 to 40,000
usable gates.
Notes:
1. FPSLIC parts with JTAG ICE support can be identified by the letter “J” after the device date
code, e.g., 4201 (no ICE support) and 4201J (with ICE support), see Figure 1.
2. FPSLIC devices should be laid out during PCB design to support a split power supply.
Please refer to the “Designing in Split Power Supply Support for AT94KAL/AX and
AT94SAL/AX
Devices”
application
note,
available
on
the
Atmel
web
site
at
http://www.atmel.com/atmel/acrobat/doc2308.pdf.
Table 1. The AT94K Series Characteristics
Device
AT94K05AL/AX
AT94K10AL/AX
AT94K40AL/AX
FPGA Gates
5K
10K
40K
FPGA Core Cells
256
576
2304
FPGA SRAM Bits
2048
4096
18432
FPGA Registers (Total)
436
846
2862
Maximum FPGA User I/O
96
144
288
AVR Programmable I/O Lines
8
16
16
Program SRAM
4 Kbytes - 16 Kbytes
20 Kbytes - 32 Kbytes
20 Kbytes - 32 Kbytes
Data SRAM
4 Kbytes - 16 Kbytes
4 Kbytes- 16 Kbytes
4 Kbytes - 16 Kbytes
Hardware Multiplier (8-bit)
Yes
Yes
Yes
2-wire Serial Interface
Yes
Yes
Yes
UARTs
2
2
2
Watchdog Timer
Yes
Yes
Yes
Timer/Counters
3
3
3
Real-time Clock
Yes
Yes
Yes
JTAG ICE
Yes(1)
Yes(1)
Yes(1)
Typical AVR
throughput
@ 25 MHz
19 MIPS
19 MIPS
19 MIPS
@ 40 MHz
30 MIPS
30 MIPS
30 MIPS
Operating
Voltage(2)
AL
3.0 - 3.6V(2)
3.0 - 3.6V(2)
3.0 - 3.6V(2)
AX
1.6 - 2.0V(2)
1.6 - 2.0V(2)
1.6 - 2.0V(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com