Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 291 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 291 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 287Page - National Semiconductor (TI) PC87591L Datasheet HTML 288Page - National Semiconductor (TI) PC87591L Datasheet HTML 289Page - National Semiconductor (TI) PC87591L Datasheet HTML 290Page - National Semiconductor (TI) PC87591L Datasheet HTML 291Page - National Semiconductor (TI) PC87591L Datasheet HTML 292Page - National Semiconductor (TI) PC87591L Datasheet HTML 293Page - National Semiconductor (TI) PC87591L Datasheet HTML 294Page - National Semiconductor (TI) PC87591L Datasheet HTML 295Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
Revision 1.07
291
www.national.com
Core PM Register Map
Host Interface PM n Status Register (HIPMnST)
The HIPMnST register contains the status of the host interface PM channel buffers (DBBIN and DBBOUT). It also provides
a means for the PC87591x to send status bits to the host. This register is read by a host processor read operation from ad-
dress 6616. HIPMnST is cleared on reset.
Location: Channel 1 - 00 FEAC16
Channel 2 - 00 FEBE16
Type: Varies per bit
Mnemonic
Register Name
Type
HIPMnST1
1. Where n stands for register 1 or 2.
Host Interface PM n Status
Varies per bit
HIPMnDO1
Host Interface PM n Data Out Buffer
WO
HIPMnDOC1
Host Interface PM n Data Out Buffer with SCI
WO
HIPMnDOM1
Host Interface PM n Data Out Buffer with SMI
WO
HIPMnDI1
Host Interface PM n Data In Buffer
RO
HIPMnDIC1
Host Interface PM n Data In Buffer with SCI
RO
HIPMnCTL1
Host Interface PM n Control
R/W
HIPMnIC1
Host Interface PM n Interrupt Control
R/W
HIPMnIE1
Host Interface PM n Interrupt Enable
R/W
Bit
76543210
Name
ST3-ST0
A2
F0
IBF
OBF
Reset
00000000
Bit
Type
Description
0RO
OBF (Output Buffer Full). The bit is set when the PM channel’s DBBOUT is written to by the core
(writing to HIPMnDO, HIPMnDOM or HIPMnDOC register). The bit is cleared by a host processor read
of the output buffer (6216). Writing to this bit is ignored.
1RO
IBF (Input Buffer Full). The bit is set when the PM channel’s DBBIN is written to by the host
processor (writing to either address 6216 or address 6616). The bit is cleared by a core read of the PM
input buffer (HIPMnDI or HIPMnDIC).
2
R/W
F0 (Flag 0). General-purpose flag that can be set or cleared by the core firmware.
3RO
A2 (A2 Address). Indicates whether the last write operation of the host to the PMn channel was to the
data register or the Command register. Writing to this bit is ignored.
0: Last write was to the data register (pointed to by configuration register index 6016 and 6116)
1: Last write was to the command register (pointed to by configuration register index 6216 and 6316)
7-4
R/W
ST3-ST0 (Status). Four general-purpose flags that can be used for signaling between the host and
core. When used as an embedded controller interface channel for ACPI, a predefined meaning is
assigned to ST0, ST1 and ST2. The standard meaning is BURST, SCI event and SMI event,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com