Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 327 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 327 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 323Page - National Semiconductor (TI) PC87591L Datasheet HTML 324Page - National Semiconductor (TI) PC87591L Datasheet HTML 325Page - National Semiconductor (TI) PC87591L Datasheet HTML 326Page - National Semiconductor (TI) PC87591L Datasheet HTML 327Page - National Semiconductor (TI) PC87591L Datasheet HTML 328Page - National Semiconductor (TI) PC87591L Datasheet HTML 329Page - National Semiconductor (TI) PC87591L Datasheet HTML 330Page - National Semiconductor (TI) PC87591L Datasheet HTML 331Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
327
www.national.com
Wake-Up Event Routing to SMI Enable Register 0 (WK_SMIEN0)
This register is set to 0016 on VPP power-up or Host Domain software reset. It controls the routing of detected wake-up
events to the SMI signal. Detected wake-up events that are enabled activate the SMI signal regardless of the value of
WK_EN0 register.
Location: Bank 2, Offset 1316
Type: R/W
3
S3 (Request to Change to S3 State). A write of 1 to this bit indicates to the core that the host requests to
change to S3 state. The S state and transition are interpreted, as specified in the ACPI standard for S state
change requests. This bit always reads back 0.
0: Not an S3 state request
1: S3 state setting request
4
S4 (Request to Change to S4 State). A write of 1 to this bit indicates to the core that the host requests to
change to S4 state. The S state and transition are interpreted, as specified in the ACPI standard for S state
change requests. This bit always reads back 0.
0: Not an S4 state request
1: S4 state setting request
5
S5 (Request to Change to S5 State). A write of 1 to this bit indicates to the core that the host requests to
change to S5 state. The S state and transition are interpreted, as specified in the ACPI standard for S state
change requests. This bit always reads back 0.
0: Not an S5 state request
1: S5 state setting request
7-6
Reserved.
Bit
76543210
Name
Reserved
Software
Event to
SMI Enable
Reserved
RING
Event to
SMI Enable
Reserved
RI2
Event to
SMI Enable
RI1
Event to
SMI Enable
Reset
00000000
Bit
Description
0
RI1 Event to SMI Enable.
0: Disabled (default)
1: Enabled
1
RI2 Event to SMI Enable.
0: Disabled (default)
1: Enabled
2
Reserved.
3
RING Event to SMI Enable.
0: Disabled (default)
1: Enabled
5-4
Reserved.
6
Software Event to SMI Enable.
0: Disabled (default)
1: Enabled
7
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com