Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 241 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 241 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 237Page - PMC-Sierra, Inc PM6344 Datasheet HTML 238Page - PMC-Sierra, Inc PM6344 Datasheet HTML 239Page - PMC-Sierra, Inc PM6344 Datasheet HTML 240Page - PMC-Sierra, Inc PM6344 Datasheet HTML 241Page - PMC-Sierra, Inc PM6344 Datasheet HTML 242Page - PMC-Sierra, Inc PM6344 Datasheet HTML 243Page - PMC-Sierra, Inc PM6344 Datasheet HTML 244Page - PMC-Sierra, Inc PM6344 Datasheet HTML 245Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
228
Figure 40
- TCLKI Input Timing
TCLKI[x]
tL
TCLKI
t H
TCLKI
t TCLKI
Table 16
- Digital Receive Interface Input Timing (Figure 41)
Symbol
Description
Min
Max
Units
fRCLKI
Digital Receive Clock RCLKI[x]
Frequency (nominally 2.048 MHz
± 50 ppm)2
2.1
MHz
tLORCLKI
RCLKI[x] Low Duration
1452
ns
tHIRCLKI
RCLKI[x] High Duration
1452
ns
tSRCLKI
RCLKI[x] to NRZ Receive Input
Set-up Time7
20
ns
tHRCLKI
RCLKI[x] to NRZ Receive Input
Hold Time8
20
ns
tWRDPN
RZ Receive Input Pulse Width2,4
200
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com