Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 238 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 238 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 234Page - PMC-Sierra, Inc PM6344 Datasheet HTML 235Page - PMC-Sierra, Inc PM6344 Datasheet HTML 236Page - PMC-Sierra, Inc PM6344 Datasheet HTML 237Page - PMC-Sierra, Inc PM6344 Datasheet HTML 238Page - PMC-Sierra, Inc PM6344 Datasheet HTML 239Page - PMC-Sierra, Inc PM6344 Datasheet HTML 240Page - PMC-Sierra, Inc PM6344 Datasheet HTML 241Page - PMC-Sierra, Inc PM6344 Datasheet HTML 242Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
225
18
EQUAD I/O TIMING CHARACTERISTICS
TA= -40° to +85°C, VDD=5V ±10%
Table 12
- Backplane Transmit Input Timing, MENB Input High (Figure
37)
Symbol
Description
Min
Max
Units
fBTCLK
Backplane Transmit Clock
Frequency1,2(Typically 2.048
MHz ± 50 ppm)
2.1
MHz
tDBTCLK
Backplane Transmit Clock Duty
Cycle
30
70
%
tSTCLK
BTCLK[x] to Backplane Input
Set-up Time7
20
ns
tHTCLK
BTCLK[x] to Backplane Input
Hold Time8
20
ns
Figure 37
- Backplane Transmit Input Timing Diagram
BTCLK[x]
Valid
t
STCLK
t
HTCLK
BTPCM/BTDP[x],
BTSIG/BTDN[x],
BTFP[x]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com