Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 235 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 235 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 231Page - PMC-Sierra, Inc PM6344 Datasheet HTML 232Page - PMC-Sierra, Inc PM6344 Datasheet HTML 233Page - PMC-Sierra, Inc PM6344 Datasheet HTML 234Page - PMC-Sierra, Inc PM6344 Datasheet HTML 235Page - PMC-Sierra, Inc PM6344 Datasheet HTML 236Page - PMC-Sierra, Inc PM6344 Datasheet HTML 237Page - PMC-Sierra, Inc PM6344 Datasheet HTML 238Page - PMC-Sierra, Inc PM6344 Datasheet HTML 239Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
222
4. Microprocessor Interface timing applies to normal mode register accesses
only.
5. When a set-up time is specified between an input and a clock, the set-up time
is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4 Volt
point of the clock.
6. When a hold time is specified between an input and a clock, the hold time is
the time in nanoseconds from the 1.4 Volt point of the clock to the 1.4 Volt
point of the input.
7. In non-multiplexed address/data bus architectures ALE should be held high
and parameters tSALR, tHALR, tVL, tSLR and tHLR are not applicable.
8. Parameter tHAR is not applicable when address latching is used.
9. Output tristate delay is the time in nanoseconds from the 1.4 Volt point of the
reference signal to ±300mV of the termination voltage on the output. The test
load is 50
Ω to 1.4V in parallel with 10 pf to GND.
Table 11
- Microprocessor Write Access (Figure 36)
Symbol
Parameter
Min
Max
Units
tSAW
Address to Valid Write Set-up
Time
10
ns
tSDW
Data to Valid Write Set-up Time
20
ns
tSALW
Address to Latch Set-up Time
10
ns
tHALW
Address to Latch Hold Time
10
ns
tVL
Valid Latch Pulse Width
20
ns
tSLW
Latch to Write Set-up
0
ns
tHLW
Latch to Write Hold
5
ns
tHDW
Data to Valid Write Hold Time
5
ns
tHAW
Address to Valid Write Hold Time
5
ns
tVWR
Valid Write Pulse Width
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com