Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 232 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 232 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 228Page - PMC-Sierra, Inc PM6344 Datasheet HTML 229Page - PMC-Sierra, Inc PM6344 Datasheet HTML 230Page - PMC-Sierra, Inc PM6344 Datasheet HTML 231Page - PMC-Sierra, Inc PM6344 Datasheet HTML 232Page - PMC-Sierra, Inc PM6344 Datasheet HTML 233Page - PMC-Sierra, Inc PM6344 Datasheet HTML 234Page - PMC-Sierra, Inc PM6344 Datasheet HTML 235Page - PMC-Sierra, Inc PM6344 Datasheet HTML 236Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
219
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IIHPU
Input High
Current1,3
-10
0
+10
µA
VIH = VDD
IIL
Input Low
Current2,3
-10
0
+10
µA
VIL = GND
IIH
Input High
Current2,3
-10
0
+10
µA
VIH = VDD
IDDOP
Operating Current
47
80
mA
VDD = 5.5 V,
Outputs
Unloaded,
XCLK =
49.152 MHz
BTCLK[4:1]
= 2.048MHz
Notes on D.C. Characteristics:
1. Input pin or bidirectional pin with internal pull-up resistors.
2. Input pin or bidirectional pin without internal pull-up resistors
3. Negative currents flow into the device (sinking), positive currents flow out of
the device (sourcing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com