Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 236 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 236 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 232Page - PMC-Sierra, Inc PM6344 Datasheet HTML 233Page - PMC-Sierra, Inc PM6344 Datasheet HTML 234Page - PMC-Sierra, Inc PM6344 Datasheet HTML 235Page - PMC-Sierra, Inc PM6344 Datasheet HTML 236Page - PMC-Sierra, Inc PM6344 Datasheet HTML 237Page - PMC-Sierra, Inc PM6344 Datasheet HTML 238Page - PMC-Sierra, Inc PM6344 Datasheet HTML 239Page - PMC-Sierra, Inc PM6344 Datasheet HTML 240Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
223
Figure 36
- Microprocessor Write Access Timing
tH
DW
Valid Data
D[7:0]
tV
WR
tSAW
tHAW
tS
DW
(CSB+WRB)
A[9:0]
Valid Address
ALE
tVL
tSALW
tSLW
tHALW
tHLW
Notes on Microprocessor Interface Write Timing:
1. A valid write cycle is defined as a logical OR of the CSB and the WRB
signals.
2. Microprocessor Interface timing applies to normal mode register accesses
only.
3. In non-multiplexed address/data bus architectures, ALE should be held high
and parameters tSALW, tHALW, tVL, tSLW and tHLW are not applicable.
4. Parameters tHAW and tSAW are not applicable if address latching is used.
5. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
6. When a set-up time is specified between an input and a clock, the set-up time
is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4 Volt
point of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com