Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 240 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 240 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 236Page - PMC-Sierra, Inc PM6344 Datasheet HTML 237Page - PMC-Sierra, Inc PM6344 Datasheet HTML 238Page - PMC-Sierra, Inc PM6344 Datasheet HTML 239Page - PMC-Sierra, Inc PM6344 Datasheet HTML 240Page - PMC-Sierra, Inc PM6344 Datasheet HTML 241Page - PMC-Sierra, Inc PM6344 Datasheet HTML 242Page - PMC-Sierra, Inc PM6344 Datasheet HTML 243Page - PMC-Sierra, Inc PM6344 Datasheet HTML 244Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
227
Table 14
- XCLK=49.152 MHz Input (Figure 39)
Symbol
Description
Min
Max
Units
tLXCLK
XCLK Low Pulse Width4
8ns
tHXCLK
XCLK High Pulse Width4
8ns
tXCLK
XCLK Period (typically 1/49.152
MHz)5
20
ns
Figure 39
- XCLK=37.056 MHz Input Timing
XCLK
tL
t H
t
XCLK
XCLK
XCLK
Table 15
- TCLKI Input (Figure 40
Symbol
Description
Min
Max
Units
f1TCLKI
TCLKI[x] Frequency (when used
for DJAT REF or for mux
operation), typically 2.048 MHz±
50 ppm2,6
2.10
MHz
f2TCLKI
TCLKI[x] Frequency (when DJAT
PLL not used), typically 16.384
MHz
16.8
MHz
tHTCLKI
TCLKI[x] High Duration6
100
ns
tLTCLKI
TCLKI[x] Low Duration6
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com