Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 31 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 31 Page - Micronas

Back Button VDP3108 Datasheet HTML 27Page - Micronas VDP3108 Datasheet HTML 28Page - Micronas VDP3108 Datasheet HTML 29Page - Micronas VDP3108 Datasheet HTML 30Page - Micronas VDP3108 Datasheet HTML 31Page - Micronas VDP3108 Datasheet HTML 32Page - Micronas VDP3108 Datasheet HTML 33Page - Micronas VDP3108 Datasheet HTML 34Page - Micronas VDP3108 Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
31
Table 3–2: Control Registers of the Fast Processor
– default values are initialized at reset
– * indicates that register is initialized according to the current standard when SDT register is changed.
FP Sub
address
Function
Default
Name
Standard Selection
h’1b
Standard select:
0
PAL B,G,H,I
(50 Hz)
4.433618
1
NTSC M
(60 Hz)
3.579545
2
SECAM
(50 Hz)
4.286
3
NTSC44
(60 Hz)
4.433618
4
PAL M
(60 Hz)
3.575611
5
PAL N
(50 Hz)
3.582056
6
PAL 60
(60 Hz)
4.433618
7
NTSC COMB
(60 Hz)
3.579545
The activated routine will set up several blocks for the selected standard.
Option bits:
(OR for the new selected standard)
h’100
no hpll setup
h’200
no vertical setup
h’400
no acc setup
Note: After FP has switched to a new standard, the MSB of SDT is set
to 1 to indicate operation complete.
0
SDT
Color Processing
h’1c
NTSC tint angle,
$512 = $π/4
0
TINT
h’a0
ACC reference level to adjust Cr, Cb levels on picture bus.
(use main matrix)
ACCREF = 0: ACC function is disabled, chroma gain can be adjusted
via ACCb / ACCr register
ACC reference level for increased color saturation.
(use side matrix)
P/N: 2070*
S: 0*
P/N: 2263
ACCREF
h’a3
ACC multiplier value for SECAM Dr chroma component to adjust Cr level
on picture bus. (use main matrix)
b[10:0]
eeemmmmmmmm m * 2^–e
ACC multiplier value for SECAM Dr chroma component for increased
color saturation (use side matrix)
S: 1496*
S:1532
ACCr
h’a4
ACC multiplier value for SECAM Db chroma component to adjust Cb lev-
el on picture bus. (use main matrix)
b[10:0]
eeemmmmmmmm m * 2^–e
ACC multiplier value for SECAM Dr chroma component for increased
color saturation (use side matrix)
S: 1155*
S: 1177
ACCb
h’a8
amplitude color killer level (0:killer disabled)
30
KILVL
h’a9
amplitude color killer hysteresis
10
KILHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com