Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 40 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 40 Page - Micronas

Back Button VDP3108 Datasheet HTML 36Page - Micronas VDP3108 Datasheet HTML 37Page - Micronas VDP3108 Datasheet HTML 38Page - Micronas VDP3108 Datasheet HTML 39Page - Micronas VDP3108 Datasheet HTML 40Page - Micronas VDP3108 Datasheet HTML 41Page - Micronas VDP3108 Datasheet HTML 42Page - Micronas VDP3108 Datasheet HTML 43Page - Micronas VDP3108 Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
40
4.4. Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
VSUB
PR2
PR1
EW
VERT
N.C.
N.C.
N.C.
SCL
N.C.
C1
SDA
VSUPD
XTAL1
XTAL2
GNDD
Y0
Y1
VSUPF
BIN
GNDO
GOUT
FBLIN
N.C.
SENSE
C0
CLK20
N.C.
VRD/BCS
GIN
BOUT
PR0
ROUT
VSUPO
RIN
21
22
23
24
25
26
27
28
29
30
31
32
N.C.
CLK5
N.C.
N.C.
HOUT
VSTBY
CSY
TEST
RES
MSY
N.C.
Y2
33
34
35
36
37
38
39
40
41
42
43
44
GNDB
VIN3
ISGND
HFLB
VPROT
FSY
VIN1
GNDF
SAFETY
VRT
VIN2
CIN
Fig. 4–3: VDP 3108 in 64-pin Shrink DIL package
VSUPB
GNDO
RSW2
GNDO
RSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com