Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 8 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 8 Page - Micronas

Back Button VDP3108 Datasheet HTML 4Page - Micronas VDP3108 Datasheet HTML 5Page - Micronas VDP3108 Datasheet HTML 6Page - Micronas VDP3108 Datasheet HTML 7Page - Micronas VDP3108 Datasheet HTML 8Page - Micronas VDP3108 Datasheet HTML 9Page - Micronas VDP3108 Datasheet HTML 10Page - Micronas VDP3108 Datasheet HTML 11Page - Micronas VDP3108 Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
8
2.2. Color Decoder
In this block the entire luma/chroma separation and multi
standard color demodulation is carried out. The color de-
modulation uses an asynchronous clock, thus allowing
a unified architecture for all color standards.
Both luma and chroma are processed to an orthogonal
sampling raster. Luma and Chroma delays are matched.
The total delay of the decoder is adjustable by a FIFO
memory. Thus, including the delay of the display proces-
sing, exactly 64
µsec processing delay can be obtained.
The output of color decoder is YCrCb in a 4:2:2 format.
2.2.1. IF-Compensation
With off-air or mistuned reception any attenuation at
higher frequencies or asymmetry around the color sub-
carrier is compensated. Three different settings of the
IF-compensation are possible:
flat (no compensation)
6 dB /octave
12 dB /octave
Fig. 2–4: Frequency response of chroma IF-com-
pensation
2.2.2. Demodulator
The entire signal (which might still contain luma) is now
quadrature-mixed to the baseband. The mixing frequen-
cy is equal to the subcarrier for PAL and NTSC, thus
achieving the chroma demodulation. For SECAM, the
mixing frequency is 4.286 MHz giving the quadrature
baseband components of the FM modulated chroma.
After the mixer, a lowpass filter selects the chroma com-
ponents; a downsampling stage converts the color dif-
ference signals to a multiplexed half rate data stream.
The subcarrier frequency in the demodulator is gener-
ated by direct digital synthesis; therefore substandards
such as PAL 3.58 or NTSC 4.43 can also be demodu-
lated.
2.2.3. Chrominance Filter
The demodulation is followed by a lowpass filter for the
color difference signals for PAL/NTSC. SECAM requires
a modified lowpass function with bell-filter characteristic.
At the output of the lowpass filter all luma information is
eliminated.
The lowpass filters are calculated in time multiplex for
the two color signals. Three bandwidth settings (narrow,
normal, broad) are available for each standard. The filter
passband can be shaped with an extra peaking term at
1.25 MHz.
dB
MHz
0
01
2
3
4
5
–10
–20
–30
–40
–50
dB
MHz
0
01
2
3
4
5
–10
–20
–30
–40
–50
PAL/
NTSC
SECAM
narrow
broad
normal
Fig. 2–5: Frequency response of chroma fil-
ters
2.2.4. Frequency Demodulator
The frequency demodulator for demodulating the SE-
CAM signal is implemented as a CORDIC-structure. It
calculates the phase and magnitude of the quadrature
components by coordinate rotation.
The phase output of the CORDIC processor is differen-
tiated to obtain the demodulated frequency. After a pro-
grammable deemphasis filter the Dr and Db signals are
scaled to standard CrCb amplitudes and fed to the cross-
over-switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com