Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 18 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 18 Page - Micronas

Back Button VDP3108 Datasheet HTML 14Page - Micronas VDP3108 Datasheet HTML 15Page - Micronas VDP3108 Datasheet HTML 16Page - Micronas VDP3108 Datasheet HTML 17Page - Micronas VDP3108 Datasheet HTML 18Page - Micronas VDP3108 Datasheet HTML 19Page - Micronas VDP3108 Datasheet HTML 20Page - Micronas VDP3108 Datasheet HTML 21Page - Micronas VDP3108 Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
18
10 bit
DAC
Video
3.8 mA
blank &
timing
8 bit
ADC
measurm.
9 bit
U/I–DAC
3.8 mA
clamp
key
analog
R in
Sense
analog
R out
analog
G out
analog
B out
analog
G in
analog
B in
digital
R in
H
V
measurem.
10
9 bit
DAC
1.5 mA
digital
G in
digital
B in
9 bit
DAC
2.2 mA
blanking
750 uA
10 bit
DAC
Video
3.8 mA
10 bit
DAC
Video
3.8 mA
9 bit
U/I–DAC
3.8 mA
clamp
9 bit
U/I–DAC
3.8 mA
clamp
9 bit
DAC
2.2 mA
blanking
750 uA
9 bit
DAC
2.2 mA
blanking
750 uA
9 bit
DAC
1.5 mA
9 bit
DAC
1.5 mA
Input
I/O
Fig. 2–22: Analog back end
9 bit
DAC
1.5 mA
9 bit
DAC
1.5 mA
9 bit
DAC
1.5 mA
fast
blank in
white drive R
white drive G
white drive B
int . brightness
ext. contrast
ext. brightness
FP Interface
2.5.1. CRT Measurement and Control
The display processor is equipped with an 8 bit PDM-
ADC for all measuring purposes. The ADC is connected
to the Sense input pin, the input range is 0...1.5V. The
bandwidth of the PDM filter can be selected; the mea-
surement window is 19/9.5
µs for small/large bandwidth
setting. The input impedance is more than 1 M
Ω.
Cutoff and white drive current measurement is carried
out during the vertical blanking interval. It is always using
the small bandwidth setting. The current range for the
cutoff measurement is set by connecting a sense resis-
tor to then MADC input. For the whitedrive measure-
ment, the range is set by using a sense resistor and the
range select switch 2 output pin. During the active pic-
ture the minimum and maximum beam current is mea-
sured. The measurement range can be set by using the
range select switch pin. The timing window of this mea-
surement is programmable. The intention is to automati-
cally detect letterbox transmission or to measure the ac-
tual beam current. All control loops are closed via the
external control microprocessor.
In each field two sets of measurements can be taken:
a) The picture tube measurement returns results for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com