Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 14 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 14 Page - Micronas

Back Button VDP3108 Datasheet HTML 10Page - Micronas VDP3108 Datasheet HTML 11Page - Micronas VDP3108 Datasheet HTML 12Page - Micronas VDP3108 Datasheet HTML 13Page - Micronas VDP3108 Datasheet HTML 14Page - Micronas VDP3108 Datasheet HTML 15Page - Micronas VDP3108 Datasheet HTML 16Page - Micronas VDP3108 Datasheet HTML 17Page - Micronas VDP3108 Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
14
The dynamic range can be adjusted to 0 ... +14 dB for
small high frequency signals. Adjustment is separate for
signal overshoot and for signal undershoot. For large
signals the dynamic range is limited by a nonlinear func-
tion that does not create any visible alias components.
The center frequency of the peaking filter is switchable
from 2.5 MHz to 3.2 MHz. For S-VHS and for notch filter
color decoding, the total system frequency responses
for PAL and NTSC are shown in figure 2–17.
Transients, produced by the dynamic peaking when
switching video source signals, can be suppressed via
the priority bus.
Fig. 2–16: Dynamic peaking frequency re-
sponse
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 3.2 MHz
CF= 2.5 MHz
S-VHS
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 3.2 MHz
CF= 2.5 MHz
PAL/SECAM
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 2.5 MHz
CF= 3.2 MHz
Fig. 2–17: Total frequency response for peaking filter and S-VHS, PAL, NTSC
NTSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com