Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 25 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 25 Page - Micronas

Back Button VDP3108 Datasheet HTML 21Page - Micronas VDP3108 Datasheet HTML 22Page - Micronas VDP3108 Datasheet HTML 23Page - Micronas VDP3108 Datasheet HTML 24Page - Micronas VDP3108 Datasheet HTML 25Page - Micronas VDP3108 Datasheet HTML 26Page - Micronas VDP3108 Datasheet HTML 27Page - Micronas VDP3108 Datasheet HTML 28Page - Micronas VDP3108 Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
25
Table 3–1: Control and status registers
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
FP INTERFACE
26
16
w
FP read address
FPRD
27
16
w
FP write address
FPWR
28
16
w/r
FP data
FPDAT
29
8
r
FP status
bit [0]
write request
bit [1]
read request
bit [2]
busy
FPSTA
FRONTEND
33
8
w/r
input selector luma adc:
bit [1:0]
00
VIN3
01
VIN2
10
VIN1
11
reserved
input selector, chroma adc:
bit [2]
0/1
select VIN1/CIN
clamping modes:
bit [3]
0/1
clamp on/off for chroma ad converter
bit [4]
0/1
internal/external clamp enable (luma adc)
bit [7:5]
reserved
VIS
CS
DCLC
DCLY
CHROMA PROCESSING
20
8
w/r
IF compensation:
bit [1:0]
0
12 dB
2
6 dB/oct
3
0 dB/oct
bit [7:2]
reserved
3
IFC
22
8
w/r
SECAM deemphasis or PAL lowpass peaking filter (1.25 MHz):
bit [4:0]
0...31, PAL/NTSC: 8 SECAM: 24
bit [5]
reserved
chroma bandwidth select:
luma delay adjust (LDY)
PAL/NTSC SECAM
bit [7:6]
00
narrow
0
25
01
normal
3
28
10
broad
6
31
11
reserved
8
1
DEEM
CBW
LUMA PROCESSING
30
8
w/r
luma notch frequency
bit [5:0]
0..63/64 YNF = 128
⋅ cos (2π ff/fs)
PAL/SECAM: 25 NTSC: 57
bit [6]
0/1
1: disable adaptive notch filter for SECAM
must be set to 0 in PAL/NTSC
bit [7]
reserved
25
0
YNF
YNMD
31
8
w/r
luma / chroma matching delay:
bit [4:0]
0..31
delay in clocks (+19)
bit [7:5]
reserved
3
LDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com