Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 45 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 45 Page - Micronas

Back Button VDP3108 Datasheet HTML 41Page - Micronas VDP3108 Datasheet HTML 42Page - Micronas VDP3108 Datasheet HTML 43Page - Micronas VDP3108 Datasheet HTML 44Page - Micronas VDP3108 Datasheet HTML 45Page - Micronas VDP3108 Datasheet HTML 46Page - Micronas VDP3108 Datasheet HTML 47Page - Micronas VDP3108 Datasheet HTML 48Page - Micronas VDP3108 Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
45
Unit
Max.
Typ.
Min.
Parameter
Symbol
C1
Motional Capacitance
13
–
20
fF
Rr
Series Resistance
40
W
Characteristics, Priority Bus: Luma, Chroma, Priority, FSync, MSync
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output
Low Voltage
Y[7..0]
C[7..0]
PR[2:0]
MSY
FSY
–
0.25
0.5
V
IOL = 8 mA, strength 3
IOL = 6 mA, strength 2
IOL = 4 mA, strength 1
IOL = 2 mA, strength 0
VOH
Output
High Voltage
1.8
2.0
–
V
–IOL = 10 µA
CLOAD = 71pF
tOH
Output Hold Time
5
14
TBD
ns
CLOAD = 71pF
IPL = 8.4 mA
tODL
Output Delay Time
–
–
35
ns
CLOAD = 71pF
IPL = 8.4 mA
IPL
Output Pull-up Current
1.2
1.5
1.8
mA
VOL = 0V
VIL
Input
Low Voltage
–
–
0.8
V
VIH
Input
High Voltage
1.5
–
–
V
tIS
Input Setup Time
10
–
–
ns
tIH
Input Hold Time
0
–
–
ns
VIH
VIL
Luma/Chroma
INPUT
20 MHz Clock
tIS
tIH
VOL
PICTURE
BUS
tODL
VOHTRI
tOH
tOH
tODL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com