Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 52 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 52 Page - Micronas

Back Button VDP3108 Datasheet HTML 48Page - Micronas VDP3108 Datasheet HTML 49Page - Micronas VDP3108 Datasheet HTML 50Page - Micronas VDP3108 Datasheet HTML 51Page - Micronas VDP3108 Datasheet HTML 52Page - Micronas VDP3108 Datasheet HTML 53Page - Micronas VDP3108 Datasheet HTML 54Page - Micronas VDP3108 Datasheet HTML 55Page - Micronas VDP3108 Datasheet HTML 56Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
52
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
Ext. RGB Brightn. DACs
Resolution
9
bits
IEXBR
Full Scale Output Current
of Ex. Brightness DACs
ROUT,
GOUT,
BOUT
39.2
40
40.8
%
ref to max. Digital RGB
Full Scale Output Current
of Ex. Brightness DACs
typical
BOUT
1.5
mA
differential nonlinearity
0.5
LSB
integral nonlinearity
1
LSB
Match R–G, R–B, G–B
–2
2
%
Match to digital RGB
R–R, G–G, B–B
–2
2
%
Ext. RGB V/I–DACs
Resolution
9
bits
IEXOUT
Full Scale Output Current
ROUT
GOUT
BOUT
96
100
104
%
ref to max. Digital RGB
VIN=0.7 contrast = 323
Full Scale Output Current
typical
BOUT
3.75
mA
same as Digital RGB
CR
Contrast adjust Range
16:51
1
Gain Match R–G, R–B,
G–B
–2
2
%
measured at RGB Out-
puts
V
0 7
V
Con
Gain
Match
to
RGB–
DACs
R–R, G–G, B–B
–4
4
%
VIN = 0.7 V Con-
trast=323
R/B/G Input Crosstalk
one channel talks
two channels talk
ROUT
GOUT
BOUT
–46
dB
passive channel:
VIN = 0.7V contrast
=323.
Crosstalk
Signal:
RGB Input Crosstalk from
internal RGB
one channel talks
two channels talk
tree channels talk
ROUT
GOUT
BOUT
–50
dB
Crosstalk
Signal:
1.25MHz 3.75mApp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com