Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 28 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 28 Page - Micronas

Back Button VDP3108 Datasheet HTML 24Page - Micronas VDP3108 Datasheet HTML 25Page - Micronas VDP3108 Datasheet HTML 26Page - Micronas VDP3108 Datasheet HTML 27Page - Micronas VDP3108 Datasheet HTML 28Page - Micronas VDP3108 Datasheet HTML 29Page - Micronas VDP3108 Datasheet HTML 30Page - Micronas VDP3108 Datasheet HTML 31Page - Micronas VDP3108 Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
28
Name
Default
Function
Mode
Number
of bits
I2C Sub
address
00–0f
16
w v
color look-up table: 16 entries, 12 bit wide,
The CLUT registers are initialized at power-up
bit [3:0]
0..15
blue amplitude
bit [7:4]
0..15
green amplitude
bit [11:8]
0..15
red amplitude
CLUT0
...
CLUT15
4c/48/
44
9
w v
digital RGB insertion contrast for R/G/B
bit [3:0]
0..13
RGB amplitude is CLUT*(4+x),
RGB amplitude range is from 0 to 255
14,15
invalid
8
8
8
DRCT
DGCT
DBCT
DISPLAY PROCESSOR – DISPLAY CONTROLS
6e
6a
66
9
w v
cutoff R/G/B
CR
CG
CB
DISPLAY PROCESSOR – TUBE AND PICTURE MEASUREMENT
7b
9
w v
picture measurement start
bit [8:0]
0..511
first line of picture measurement
23
PMST
77
9
w v
picture measurement stop
bit [8:0]
0..511
last line of picture measurement
308
PMSO
7f
9
w v
tube measurement line
bit [8:0]
0..511
line for tube measurement
15
TML
25
8
w/r
tube and picture measurement control
bit [0]
0/1
disable/enable tube measurement
bit [1]
0/1
80/40 kHz bandwidth for
picture measurement
bit [2]
0/1
enable picture measurement start
bit [3]
0/1
large/small picture measurement window
bit [4]
0/1
measure / offset check for adc
bit [7:5]
reserved
PMC
13
16
w/r
white drive measurement control
bit [9:0]
0..1023 white drive value for measurement
bit [10]
reserved
bit [11]
0/1
white drive measurement disabled/enabled
512
0
WDRV
EWDM
18–1d
18
19
1a
1b
1c
1d
8
r
measurement result registers
minimum
maximum
white drive
cutoff/leakage blue,
read pulse starts tube measurement
cutoff/leakage green
cutoff/leakage red
–
MRMIN
MRMAX
MRWDR
MRCB
MRCG
MRCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com