Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 6 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 6 Page - Micronas

Back Button VDP3108 Datasheet HTML 2Page - Micronas VDP3108 Datasheet HTML 3Page - Micronas VDP3108 Datasheet HTML 4Page - Micronas VDP3108 Datasheet HTML 5Page - Micronas VDP3108 Datasheet HTML 6Page - Micronas VDP3108 Datasheet HTML 7Page - Micronas VDP3108 Datasheet HTML 8Page - Micronas VDP3108 Datasheet HTML 9Page - Micronas VDP3108 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
6
Table 2–1: ADC input range for PAL input Signal
Signal
ADC Range [steps]
Input Level [mVpp]
–6 dB
0 dB
+4.5 dB
CVBS
100% CVBS
252 (clipped at 125 IRE)
667
1333
2238
75% CVBS
213
500
1000
1679
video (luma)
149
350
700
1175
sync
64 (AGC reference)
150
300
504
clamp level
68
Chroma
burst
64
300
100% Chroma
190
890
75% Chroma
143
670
bias level
128
255
192
128
0
black
white
217
video = 100 IRE
sync = 41 IRE
68
32
192
128
228
80
32
upper headroom = 38 steps = 1.4 dB = 25 IRE
lower headroom = 4 steps = 0.2 dB
headroom = 56 steps = 2.1 dB
= clamp
level
CVBS/Y
Chroma
Fig. 2–2: ADC ranges for CVBS/Luma and Chroma, PAL input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com