Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 47 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 47 Page - Micronas

Back Button VDP3108 Datasheet HTML 43Page - Micronas VDP3108 Datasheet HTML 44Page - Micronas VDP3108 Datasheet HTML 45Page - Micronas VDP3108 Datasheet HTML 46Page - Micronas VDP3108 Datasheet HTML 47Page - Micronas VDP3108 Datasheet HTML 48Page - Micronas VDP3108 Datasheet HTML 49Page - Micronas VDP3108 Datasheet HTML 50Page - Micronas VDP3108 Datasheet HTML 51Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
47
Characteristics, I2C Bus Interface
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
SDA,
SCL
–
–
1.5
V
VIH
Input High Voltage
SCL
3.0
–
–
V
VOL
Output Low Voltage
–
–
0.4
0.6
V
V
Il = 3mA
Il = 6mA
VIH
Input Capacitance
–
–
TBD
pF
Il
Input Leakage Current
–1
–
1
µA
tF
Signal Fall Time
–
–
300
ns
CL = 400 pF
tR
Signal Rise Time
–
–
300
ns
CL = 400 pF
fSCL
Clock Frequency
SCL
0
–
400
kHz
tLOW
Low Period of SCL
–
–
ns
tHIGH
High Period of SCL
–
–
ns
tSU Data
Data Set Up Time to SCL
high
SDA
–
–
ns
tHD Data
DATA Hold Time to SCL
low
0
–
–
ns
Characteristics, Sense ADC Input
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VI
Input Voltage Range
SENS
E
0
–
Vsup
V
VI255
Input Voltage for code 255
output
E
1.4
1.54
1.7
V
read cutoff blue
register
C0
Digital Output for 0 Input
16
LSB
offset check,
read cutoff blue
register
RI
Input Impedance
1
–
–
M
Ω
Characteristics, Range Switch Outputs
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
RON
Output On Resistance
RSW
RSW2
–
–
50
W
IOL = 10 mA
IMax
Maximum Current
RSW2
–
–
15
mA
ILEAK
Leakage Current
–
–
600
nA
RSW High Impedance
CIN
Input Capacitance
–
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com