Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 53 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 53 Page - Micronas

Back Button VDP3108 Datasheet HTML 49Page - Micronas VDP3108 Datasheet HTML 50Page - Micronas VDP3108 Datasheet HTML 51Page - Micronas VDP3108 Datasheet HTML 52Page - Micronas VDP3108 Datasheet HTML 53Page - Micronas VDP3108 Datasheet HTML 54Page - Micronas VDP3108 Datasheet HTML 55Page - Micronas VDP3108 Datasheet HTML 56Page - Micronas VDP3108 Datasheet HTML 57Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
53
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
RGB Input Noise &
Distortion
ROUT
GOUT
BOUT
–50
dB
VIN=0.7Vpp 1MHz
contrast = 323
Bandwidth: 10MHz
RGB
Input
Bandwidth
–3dB
10
15
–
MHz
VIN = 0.7Vpp contrast
=323
RGB Input THD
–50
–40
dB
dB
Input signal 1 MHz
Input signal 6 MHz
VIN = 0.7Vpp contrast
=323
differential nonlinearity of
Contrast Adjust
1.0
LSB
VIN = 0.44V
integral nonlinearity of
Contrast Adjust
7
LSB
VRGBO
R,G,B Output Voltage
ROUT
GOUT
–1.0
0.3
V
referred to VSUPO
R,G,B Output Load Resis-
tance
GOUT
BOUT
100
W
to VSUPO
VOUTC
RGB Output Compliance
–1.5
–1.3
–1.2
V
ref. to VSUPo
Sum of max. Current of
RGB–DACs and max.
Current of Int.Bright-
ness DACs is 2% de-
graded
Ext. RGB Inputs
VRGBIN
External RGB Inputs
Voltage Range
RIN,
GIN,
BIN
–0.3
–
1.1
V
VRGBIN
nominal RGB Input
Voltage peak/peak
BIN
0.5
0.7
1.0
VPP
SCART
Spec:
0.7V
±3dB
VRGBIN
RGB Inputs Voltage
for maximum Output
Current
0.44
contrast setting: 511
RGB Inputs Voltage
for maximum Output
Current
0.7
contrast setting: 323
RGB Inputs Voltage
for maximum Output
Current
1.1
contrast setting: 204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com