Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 11 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 11 Page - Micronas

Back Button VDP3108 Datasheet HTML 7Page - Micronas VDP3108 Datasheet HTML 8Page - Micronas VDP3108 Datasheet HTML 9Page - Micronas VDP3108 Datasheet HTML 10Page - Micronas VDP3108 Datasheet HTML 11Page - Micronas VDP3108 Datasheet HTML 12Page - Micronas VDP3108 Datasheet HTML 13Page - Micronas VDP3108 Datasheet HTML 14Page - Micronas VDP3108 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
11
2.2.9. Skew Filter
The system clock is free running and not locked to the
TV line frequency. Therefore, the ADC sampling pattern
is not orthogonal. The decoded YCrCb signals are con-
verted to an orthogonal sampling raster by skew filter
block at the output of the color decoder.
The skew filters are controlled by a skew parameter and
allow to apply a group delay to the input signals without
introducing waveform of frequency response distortion.
The amount of phase shift of this filter is controlled by the
horizontal PLL1. The accuracy of the filters is 1/32
clocks for luminance and 1/4 clocks for chroma. Thus
the output of the color decoder is in an orthogonal pixel
format even in the case of nonstandard input signals
such as VCR.
Fig. 2–11: Luminance, Chrominance skew
filter magnitude frequency response
Fig. 2–12: Luminance, chrominance skew
filter group delay characteristics
dB
MHz
0
02
4
6
8
10
–1
–2
–3
–4
–5
–6
–7
–8
2
1
0.1, 0.9
0.2, 0.8
0.3, 0.7
0.4, 0.6
0.5
parameter:
α
, 32 steps
0, 1.0
clocks
MHz
2.5
02
4
6
8
10
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0.5
0.6
0.7
0.8
0.9
1.0
0.4
0.3
0.2
0.1
0
0.5
parameter:
α
, 32 steps
2.2.10. Picture Bus Color Space
Output of the color decoder block is YCrCb with 20.25
Msamples/s. Only active video is transferred. The num-
ber of active samples is 1068 per line for all standards
(525 lines and 625 lines).
The following equations explain the data formats. The
R,G,B source signals are already gamma-weighted.
The transform matrix from R,G,B to color difference sig-
nals is given by:
Y
R
* Y
B
* Y
+
0.299
0.701
* 0.299
0.587
* 0.587
* 0.587
0.114
* 0.114
0.886
R
G
B
In each TV broadcast standard different weighting fac-
tors for (R–Y) and (B–Y) are used:
PAL:
V
= 0.877*(R–Y)
U
= 0.493*(B–Y)
NTSC:
I
= V*cos33
° – U*sin33°
Q
= V*sin33
° + U*cos33°
SECAM:
Dr
= –1.9*(R–Y)
Db =
1.5*(B–Y)
MAC
Vm = 0.927*(R–Y)
Um = 0.733*(B–Y)
Studio
Cr
= 0.713*(R–Y)
(CCIR 601) Cb = 0.564*(B–Y)
In the color decoder the weighting for both color differ-
ence signals is adjusted individually. The default format
will have the following specification:
Y
= 224*Y + 16 (pure binary),
Cr
= 224*(0.713*(R–Y)) + 128 (offset binary),
Cb
= 224*(0.564*(B–Y)) + 128 (offset binary).
Optionally the picture bus format of the chrominance
components Cr, Cb can be switched to two’s comple-
ment format.
The YCrCb FIFO memories allow an adjustable delay for
the video processing e.g. one TV line. The memories are
controlled by the horizontal sync information available in
the front end and the display processor. Using the front
end sync, a window for the active video is generated.
Only active video data are written to the FIFO memories.
The display processor generates the main sync signal
from the display timing and data is read from the FIFOs
using the main sync signal. This allows an adjustable
delay as well as a variable delay, e.g. for VCR timebase
correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com