Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 32 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 32 Page - Micronas

Back Button VDP3108 Datasheet HTML 28Page - Micronas VDP3108 Datasheet HTML 29Page - Micronas VDP3108 Datasheet HTML 30Page - Micronas VDP3108 Datasheet HTML 31Page - Micronas VDP3108 Datasheet HTML 32Page - Micronas VDP3108 Datasheet HTML 33Page - Micronas VDP3108 Datasheet HTML 34Page - Micronas VDP3108 Datasheet HTML 35Page - Micronas VDP3108 Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
32
Name
Default
Function
FP Sub
address
Vertical Standard Select
h’e7
vertical standard select
if LSB is set to one, lock to standard signal is enabled
50Hz: 625*
60Hz: 525*
VSDT
AGC – DVCO
h’b2
sync amplitude reference (0: AGC disabled).
Write 0 to register h’b5 after writing 0 to AGCREF to disable the AGC
768
AGCREF
h’be
start value for AGC gain while vertical lock or AGC is inactive
27
SGAIN
h’20
AGC gain value ( read only if AGC is enabled )
read only
GAIN
h’58
crystal oscillator center frequency adjust, –2048..2047
0
DVCO
h’59
crystal oscillator center frequency adjustment value for line lock mode.
true adjust value is DVCO – ADJUST.
For factory crystal alignment:
set DVCO=0, set lock mode, read crystal offset from ADJUST register
and use negative value for initial center frequency adjustment via
DVCO.
read only
ADJUST
h’26
line locked mode lock command/status
write: 100
enable lock
0
disable lock
read: 4095/0
locked / unlocked
0
XLG
FP Status Register
’53
automatic standard recognition status
bit0
1
vertical sync detected
bit1
2
horizontally locked
bit2
4
reserved
bit3
8
color killer active
bit5
32
ident killer active
–
ASR
h’eb
number of lines per field, P/S: 312, N: 262
read only
NLPF
h’41
measured sync amplitude value, nominal: 768
read only
SAMPL
h’a5
measured burst amplitude
read only
BAMPL
h’50
software version number:
2105
read only
–
h’5f
software release:
1001
read only
–
FP Display Control Register
h’f0
White Drive Red
(0...1023)
700
WDR 1)
h’f1
White Drive Green (0...1023)
700
WDG 1)
h’f2
White Drive Blue
(0...1023)
700
WDB 1)
h’f9
Internal Brightness, Picture (0...511)
256
IBR
h’fc
Internal Brightness, Measurement (0...511)
384
IBRM
h’fa
Analog Brightness for external RGB (0...511)
256
ABR
h’fb
Analog Contrast for external RGB (0...511)
350
ACT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com