Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 34 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 34 Page - Micronas

Back Button VDP3108 Datasheet HTML 30Page - Micronas VDP3108 Datasheet HTML 31Page - Micronas VDP3108 Datasheet HTML 32Page - Micronas VDP3108 Datasheet HTML 33Page - Micronas VDP3108 Datasheet HTML 34Page - Micronas VDP3108 Datasheet HTML 35Page - Micronas VDP3108 Datasheet HTML 36Page - Micronas VDP3108 Datasheet HTML 37Page - Micronas VDP3108 Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
34
Table 3–3: Tables for the Calculation of Initialization values for Vertical Sawtooth and East–West Parabola
Vertical Deflection 50 Hz
a
b
c
d
a0
1
–1365.3
+682.7
–682.7
a1
899.6
–904.3
+1363.4
a2
296.4
898.4
a3
585.9
East–West Deflection 50 Hz
a
b
c
d
e
a0
1
–341.3
1365.3
–85.3
341.3
a1
111.9
–899.6
84.8
–454.5
a2
586.8
111.1
898.3
a3
72.1
–1171.7
a4
756.5
Vertical Deflection 60 Hz
a
b
c
d
a0
1
–1365.3
682.7
–682.7
a1
1083.5
–1090.2
1645.5
a2
429.9
–1305.8
a3
1023.5
East–West Deflection 60 Hz
a
b
c
d
e
a0
1
–341.3
1365.3
–85.3
341.3
a1
134.6
–1083.5
102.2
–548.5
a2
849.3
–161.2
1305.5
a3
125.6
–2046.6
a4
1584.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com