Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 16 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 16 Page - Micronas

Back Button VDP3108 Datasheet HTML 12Page - Micronas VDP3108 Datasheet HTML 13Page - Micronas VDP3108 Datasheet HTML 14Page - Micronas VDP3108 Datasheet HTML 15Page - Micronas VDP3108 Datasheet HTML 16Page - Micronas VDP3108 Datasheet HTML 17Page - Micronas VDP3108 Datasheet HTML 18Page - Micronas VDP3108 Datasheet HTML 19Page - Micronas VDP3108 Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
16
2.4.4. Brightness Adjustment
The DC-level of the luminance signal can be adjusted by
–30 ... +100 % with 8 bit resolution. It is desirable to keep
a small offset with the signal to prevent undershoots
from the peaking from being cut. The brightness adjust-
ment is separate for main and side picture.
2.4.5. Soft Limiter
The dynamic range of the processed luma signal must
be limited to prevent the CRT from overload. An appro-
priate headroom for contrast, peaking and brightness
can be adjusted by the manufacturer according to the
CRT-characteristic. All signals higher than above this
limit will be ‘soft’-clipped. The soft limiter can support or
even replace an analog beam current limiter. Aliasing
due to signal limitation is avoided by using a filterbank
with individual limiter circuits.
A block diagram of the soft limiter is shown in figure
2–19. The signal is split into high and low frequency
bands. The low frequency part represents the average
picture level; if the average level is too high the picture
tube will overheat and produce coloration. The high fre-
quency part represents the peak picture level which can
be considerably higher than the average picture level.
Due to this characteristic of the picture tube, both com-
ponents are treated individually and are later recom-
bined. For the low frequency band a limiter with adjust-
able threshold is used. The high frequency components
produced in the limiter are below the nyquist frequency,
therefore no disturbing alias frequencies are generated.
For the high frequency band, the limiting is done by a
variable gain notch filter, effectively bounding the peak
to peak amplitude of the signal. In this way the signal is
limited without generating unwanted aliasing.
When the high and low frequency bands are added to-
gether again a second limiter sets the exact signal ampli-
tude range. The state of this limiter is used to control the
attenuation of the variable notch filter.
LPF
HPF
LIM1
LIM2
var. notch
IN
OUT
Loop
Filter
Fig. 2–19: Block diagram of the soft limiter
2.4.6. Chroma Interpolation
A linear phase interpolator is used to convert the chroma
sampling rate from 10.125 MHz (4:2:2) to 20.25 MHz
(4:4:4). The frequency response of the interpolator is
shown in fig. 2–20. All further processing is carried out
at the full sampling rate.
dB
MHz
0
–10
–20
–30
–40
–50
02
4
6
8
10
Fig. 2–20: Frequency response of the chroma
interpolation filter
2.4.7. Chroma Transient Improvement
The intention of this block is to enhance the chroma res-
olution. A correction signal is calculated by differenti-
ation of the color difference signals. The differentiation
can be adjusted according to the signal bandwidth, e.g.
for PAL/NTSC/SECAM or digital component signals re-
spectively. The amplitude of the correction signal is ad-
justable independently for the Cr/Cb signals. Small



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com