Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 48 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 48 Page - Micronas

Back Button VDP3108 Datasheet HTML 44Page - Micronas VDP3108 Datasheet HTML 45Page - Micronas VDP3108 Datasheet HTML 46Page - Micronas VDP3108 Datasheet HTML 47Page - Micronas VDP3108 Datasheet HTML 48Page - Micronas VDP3108 Datasheet HTML 49Page - Micronas VDP3108 Datasheet HTML 50Page - Micronas VDP3108 Datasheet HTML 51Page - Micronas VDP3108 Datasheet HTML 52Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
48
Characteristics, Horizontal Flyback Input
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
HFLB
–
–
1.8
V
VIH
Input High Voltage
2.6
–
–
V
VIHST
Input Hysteresis
0.1
–
–
V
PSRRHF
Power Supply Rejection
Ratio of Trigger Level
0
dB
F = 20 MHz
PSRRMF
Power Supply Rejection
Ratio of Trigger Level
–20
dB
F < 15 kHz
PSRRLF
Power Supply Rejection
Ratio of Trigger Level
–40
dB
F < 100 Hz
tPID
Internal Delay
12
ns
slew rate 500mV / ns
swing 1VPP
Characteristics, Vertical Protection Input
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
VPROT
–
–
1.8
V
VIH
Input High Voltage
2.6
–
–
V
VIHST
Input Hysteresis
0.1
–
–
V
Characteristics, Vertical Safety Input
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VILA
Input Low Voltage
SAFE-
TY
–
–
1.8
V
VIHA
Input High Voltage
TY
2.6
–
–
V
VILA
Input Low Voltage
–
–
3.1
V
VIHA
Input High Voltage
3.9
–
–
V
VIHST
Input Hysteresis A and B
0.1
–
–
V
tPID
Internal Delay
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com