Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 35 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 35 Page - Micronas

Back Button VDP3108 Datasheet HTML 31Page - Micronas VDP3108 Datasheet HTML 32Page - Micronas VDP3108 Datasheet HTML 33Page - Micronas VDP3108 Datasheet HTML 34Page - Micronas VDP3108 Datasheet HTML 35Page - Micronas VDP3108 Datasheet HTML 36Page - Micronas VDP3108 Datasheet HTML 37Page - Micronas VDP3108 Datasheet HTML 38Page - Micronas VDP3108 Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
ADVANCE INFORMATION
VDP 3108
MICRONAS INTERMETALL
35
4. Specifications
4.1. Outline Dimensions
1.2 x 45
°
16 x 1.27
= 20.32
0.1
±
0.1
±
2
25
+0.25
43
27
26
10
9
61
9
44
60
2
1
x 45
°
1.9 1.5
4.05
0.1
4.75±0.15
1.27 0.1
±
2.4
2
15
9
24.2 0.1
±
1
+0.2
Fig. 4–1: VDP 3108 in 68-pin PLCC package
Weight approx. 4.8 g
Dimensions in mm
Fig. 4–2: VDP 3108 in 64-Pin S-DIL Plastic
Package
Weight approx. 9.0 g
Dimensions in mm
132
33
64
0.5
1.78 x 31 = 55.14
58
1
18
19.3
0.25
1.78
0
° ... 15°
4.2. Pin Connections and Short Descriptions
NC = not connected; leave vacant
LV = if not used, leave vacant
X = obligatory; connect as described in circuit diagram
Pin No.
Connection
Pin Name
Type
Short Description
PLCC
68-pin
SDIL
64-pin
(if not used)
1
32
LV
MSY
Main Sync
2
31
X
RES
Reset Input
3
30
GNDD
TEST
Test Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com