Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 24 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 24 Page - Micronas

Back Button VDP3108 Datasheet HTML 20Page - Micronas VDP3108 Datasheet HTML 21Page - Micronas VDP3108 Datasheet HTML 22Page - Micronas VDP3108 Datasheet HTML 23Page - Micronas VDP3108 Datasheet HTML 24Page - Micronas VDP3108 Datasheet HTML 25Page - Micronas VDP3108 Datasheet HTML 26Page - Micronas VDP3108 Datasheet HTML 27Page - Micronas VDP3108 Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
24
3. Serial Interface
3.1. I2C Bus Interface
Communication between the VDP and the external con-
troller is done via I2C bus. The VDP has an I2C bus slave
interface and uses I2C clock synchronization to slow
down the interface if required. The I2C bus interface
uses one level of subaddress: one I2C bus address is
used to address the IC and a subaddress selects one of
the internal registers. The I2C bus chip address is given
below:
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
1
0
1
0/1
The registers of the VDP have 8 or 16 bit data size; 16
bit registers are accessed by reading/writing two 8 bit
data words.
Figure 3–1 shows I2C bus protocols for read and write
operations of the interface; the read operation requires
an extra start condition and repetition of the chip address
with read command set.
WP
1 or 2 byte Data
W
high byte Data
S
S
Ack
Ack
Ack
Ack
0111 1100
0111 1100
R
S
Ack
SDA
SCL
1
0
SP
P
low byte Data
Ack
W=
0
R=
1
Ack
=
0
Nak
=
1
S
=
Start
P
=
Stop
Ack
Nak
Fig. 3–1: I2C Bus Protocols
1000 101
1000 101
1000 101
I2C write access
subaddress 7c
I2C read access
subaddress 7c
3.2. Control and Status Registers
Table 3–1 gives definitions of the VDP control and status
registers. The number of bits indicated for each register
in the table is the number of bits implemented in hard-
ware, i.e. a 9-bit register must always be accessed us-
ing two data bytes but the 7 MSB will be don’t care on
write operations and 0 on read operations. Write regis-
ters that can be read back are indicated in the following
table.
Functions implemented by software in the on-chip con-
trol microprocessor (FP) are explained elsewhere.
A hardware reset initializes all control registers to 0. The
automatic chip initialization loads a selected set of regis-
ters with the default values given in Table 3–1.
The register modes given in Table 3–1 are:
w
write only register
w/r
write/read data register
r
read data from VDP
v
register is latched with vertical sync
The mnemonics used in the Intermetall VDP demo soft-
ware are given in the last column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com